Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-AAZ-R2

  • AI
    The **M2AC-AAZ-R2** is a specific model within the **M2AC series** of signal conditioners/transducers, typically manufactured by companies like **M-System**. These devices are used in industrial automation to convert AC voltage or current signals into standard DC signals. ### 1. Technical Specifications Table | Component Property | Specification | | :--- | :--- | | **Input Type** | AC Current (Current Transformer) | | **Output Type** | DC Current or Voltage (Selectable) | | **Power Input** | 100 – 240V AC | | **Accuracy** | ±0.3% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Mounting** | DIN Rail Mounting | --- ### 2. Breakdown of the Model Code The alphanumeric string determines the specific electronic configuration: * **M2AC**: Series name (AC Current Transmitter). * **A**: Input Type (typically refers to a standard AC current range, e.g., 0–5A AC). * **A**: Output Type (e.g., 4–20mA DC). * **Z**: Power Input (typically Universal AC supply). * **R2**: Revision or specific casing/terminal configuration (often indicates a plug-in base style). --- ### 3. Key Electronic Functions The internal circuitry performs several critical operations to ensure industrial reliability: #### A. Signal Conditioning (RMS Conversion) The device converts a raw AC sine wave into a stable DC level. High-end units like this often use **True RMS** conversion, allowing for accurate measurement even if the AC waveform is distorted (non-sinusoidal). #### B. 3-Way Galvanic Isolation This is a critical safety and signal integrity feature. It electronically separates: 1. **Input Circuit** (High voltage/current AC side) 2. **Output Circuit** (Sensitive PLC/Controller side) 3. **Power Supply** This prevents ground loops and protects low-voltage equipment from high-voltage surges. #### C. Span and Zero Adjustment On the front panel, there are usually multi-turn potentiometers. * **Zero**: Adjusts the output at the lowest input point (e.g., ensuring 4mA at 0A). * **Span**: Adjusts the output at the maximum input point (e.g., ensuring 20mA at 5A). --- ### 4. Typical Wiring Diagram (Block Level) ```mermaid graph LR AC_In[AC Current Input] --> Rectifier[RMS Converter] Rectifier --> Isolator[Optical/Transformer Isolation] Isolator --> DC_Out[DC Output 4-20mA/0-10V] Power[100-240V AC Power] --> Regulator[Internal DC Power] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the M2AC-AAZ-R2 base?
    • ⤷ Can this model be used with a 5A Current Transformer (CT)?
    • ⤷ What is the difference between the R and R2 suffix in this series?