Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-AC1-R

  • AI
    The **M2AC-AC1-R** is a specific electronic module, typically associated with industrial automation and signal conditioning, often manufactured by companies like **M-System**. It is a plug-in type signal conditioner designed to convert an AC current input into a standard DC output. --- ### ## Technical Specifications Overview Below are the primary electronic characteristics of the M2AC-AC1-R: | Component / Feature | Description | | :--- | :--- | | **Input Signal** | 0 – 1 A AC (Standard AC current input) | | **Output Signal** | 4 – 20 mA DC (Standard current loop) | | **Power Input** | 24V DC (Indicated by the "R" suffix in some models) | | **Accuracy** | ±0.3% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Construction** | Plug-in base socket mount | --- ### ### Core Electronic Sections #### 1. Input Stage (AC Current Sensing) The device uses an internal current transformer or a shunt resistor network to sample the **0-1A AC** signal. This stage is designed to handle the frequency range of the AC source (typically 40 Hz to 1 kHz) and provide high galvanic isolation from the high-voltage lines. #### 2. Rectification and Conditioning The AC signal is processed through a precision rectifier circuit. Since this is an "Average Sensing" model (indicated by the standard AC prefix), it converts the AC waveform into a proportional DC voltage based on the average value of the sine wave, calibrated to the RMS (Root Mean Square). #### 3. Isolation Barrier One of the most critical electronic parts of the M2AC is the **Optical or Transformer Isolation**. This prevents electrical noise, ground loops, or high-voltage surges from the AC input side from reaching the PLC/DCS (Output) or the power supply. #### 4. Output Stage (Current Loop) The internal DC signal is fed into an operational amplifier (Op-Amp) circuit that regulates a **4-20mA constant current loop**. This allows the signal to be transmitted over long distances without voltage drop interference. --- ### ### Connection Diagram (Typical) ```text [ AC Input ] [ Power ] [ DC Output ] (1 & 2) (7 & 8) (4 & 5) | | | +-----------+ +-----------+ +-----------+ | Current |------>| Isolation |------->| 4-20mA | | Sensing | | Circuit | | Driver | +-----------+ +-----------+ +-----------+ ``` --- ### ### Maintenance and Calibration * **Zero Adjustment:** Located on the front panel to fine-tune the 4mA output when the input is 0A. * **Span Adjustment:** Located on the front panel to fine-tune the 20mA output when the input is 1A. * **LED Indicator:** Usually features a power LED to indicate the internal 24V DC rail is active.
    ✨ Follow-up Questions
    • ⤷ What is the difference between average sensing and RMS sensing in these modules?
    • ⤷ How do I wire the M2AC-AC1-R to a PLC analog input card?
    • ⤷ Can this module handle frequency variations beyond 1kHz?