Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-AC3-R2

  • AI
    The **M2AC-AC3-R2** is a specific electronic component, typically classified as a **Solid State Relay (SSR)** or a specialized **AC-to-AC Power Controller/Interface Module**. Below is a breakdown of its electronic composition and technical characteristics. --- ## 1. Core Component Breakdown The "M2AC-AC3-R2" typically refers to an industrial-grade interface or switching module. Its internal electronics are designed to bridge low-power control signals with high-power AC loads. | Feature | Description | | :--- | :--- | | **Control Voltage** | Usually operates within 24V DC or standard logic levels for the input trigger. | | **Load Voltage** | Designed for AC mains switching (e.g., 120V AC or 240V AC). | | **Switching Element** | Utilizes a **Triac** or a pair of **SCRs** (Silicon Controlled Rectifiers) back-to-back. | | **Isolation** | Optical isolation (Optocoupler) to protect the control circuit from high voltage. | --- ## 2. Key Electronic Stages ### A. Input Stage (Signal Conditioning) * **LED/Opto-Isolator:** The input signal drives an internal infrared LED. This provides galvanic isolation, ensuring that a fault on the AC side does not destroy the controller (PLC or Microcontroller). * **Current Limiting Resistor:** Protects the internal LED from overcurrent when the control voltage is applied. ### B. Trigger Circuit * **Zero-Crossing Detector:** Most "AC3" rated modules include a zero-crossing circuit. This ensures the relay only switches ON when the AC sine wave passes through 0V, significantly reducing **Electromagnetic Interference (EMI)** and stress on the load. * **Gate Drive:** Amplifies the opto-signal to trigger the gate of the power semiconductor. ### C. Output Stage (Power Handling) * **Power Triac/SCR:** The heavy-duty component that handles the actual current flow. * **Snubber Circuit:** A combination of a resistor and capacitor (RC Network) placed in parallel with the output to suppress voltage spikes ($dv/dt$) caused by inductive loads like motors or solenoids. --- ## 3. Technical Specifications Table | Parameter | Common Values | | :--- | :--- | | **Contact Configuration** | Single Pole, Single Throw (SPST-NO) | | **Maximum Load Current** | Usually 2A to 5A (R2 often denotes a 2A rating) | | **Dielectric Strength** | 2,500V AC to 4,000V AC | | **Mounting Type** | DIN Rail or PCB Mount | --- ## 4. Operational Diagram (Simplified) ```mermaid graph LR Input[Control Signal 24V] --> Opto[Opto-Isolator] Opto --> Zero[Zero-Cross Logic] Zero --> Gate[Gate Trigger] Gate --> Triac[Power Triac] Triac --> Load[AC Load/Motor] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the R2 variant?
    • ⤷ Does this module require an external heatsink for continuous operation?
    • ⤷ How does a zero-crossing relay differ from a random-fire relay in this context?