Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-AD5W-R2

  • AI
    The **M2AC-AD5W-R2** is a high-performance **Analog-to-Digital (A/D) Converter Module** belonging to the M2 series, typically manufactured by **M-System**. This specific model is designed for industrial signal conditioning, converting standard analog signals into isolated DC outputs or digital representations for PLC/DCS systems. --- ### 1. Technical Specifications The part number defines specific characteristics regarding input, output, and power requirements. | Feature | Specification | |:---|:---| | **Input Type** | Analog (Voltage or Current) | | **Output Type** | DC Voltage/Current (Isolated) | | **Power Input** | 100 – 240V AC (indicated by "W") | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Construction** | Plug-in style (socket base) | --- ### 2. Key Electronic Components & Internal Architecture The device is composed of several critical electronic sub-systems: #### A. Input Conditioning Circuit * **Precision Resistors:** Used for current-to-voltage conversion (e.g., converting 4-20mA to a voltage the ADC can read). * **Op-Amps:** High-impedance operational amplifiers are used for buffering and scaling the signal to prevent loading effects on the source. #### B. Isolation Barrier * **Optoisolators / Transformers:** This is a core feature. It uses optical or magnetic isolation to separate the field-side input from the control-side output. This protects the PLC/DCS from high-voltage surges (up to 2000V AC). #### C. Power Management * **Switch-Mode Power Supply (SMPS):** The "W" suffix indicates a wide-range AC power input. It contains bridge rectifiers, capacitors for smoothing, and a switching regulator to provide stable DC rails for the internal circuitry. #### D. Output Stage * **Transistors/DAC:** If the output is analog, a Digital-to-Analog converter or a precision linear driver is used to push the signal (e.g., 0-10V) to the receiving device. --- ### 3. Part Number Breakdown (M2AC-AD5W-R2) To understand the electronic configuration, here is the decoding: | Code | Meaning | |:---:|:---| | **M2AC** | Model Series (Plug-in Signal Conditioner) | | **AD** | Function (Analog to Digital / Signal Isolator) | | **5** | Output Code (e.g., 4–20 mA DC) | | **W** | Power Input (100–240V AC) | | **R2** | Version/Revision code or specialized terminal config | --- ### 4. Implementation Example Below is a conceptual logic flow of how the module processes an electronic signal: ```mermaid graph LR A[Sensor 4-20mA] --> B[Input Filter/Resistor] B --> C[Isolation Barrier] C --> D[Amplification/Scaling] D --> E[Output 0-10V / 4-20mA] F[100-240V AC] --> G[Internal DC Power] G --> B G --> D ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2AC-AD5W-R2 socket?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this module?
    • ⤷ What are the mounting options for the M2 series signal conditioners?