Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-AD6-R2

  • AI
    The **M2AC-AD6-R2** is a high-performance analog input module typically used in industrial automation, specifically within the **M2 Series** of remote I/O systems (often associated with manufacturers like M-System/MG CO., LTD). It is designed to convert analog field signals into digital data for a network or controller. --- ### 1. Technical Specifications The following table summarizes the key electronic characteristics of the M2AC-AD6-R2: | Component/Feature | Specification | | :--- | :--- | | **Input Type** | Analog Current or Voltage (Configurable) | | **Number of Channels** | 6 Channels | | **A/D Conversion** | 16-bit resolution | | **Communication Port** | RS-485 (Modbus RTU protocol) | | **Power Input** | 24V DC (typical range 18V - 30V) | | **Isolation** | Input to power to network (1500V AC) | | **Sampling Rate** | Approx. 100ms for all 6 channels | --- ### 2. Key Electronic Internal Parts The module consists of several critical stages that ensure signal integrity and accuracy: #### A. Analog Front-End (AFE) * **Precision Resistors:** Used for current-to-voltage conversion (typically 250Ω for 4-20mA signals). * **Operational Amplifiers (Op-Amps):** High-impedance buffers that ensure the signal from the field doesn't drop voltage before processing. #### B. Analog-to-Digital Converter (ADC) * The **16-bit ADC** is the heart of the unit. It converts the continuous electrical signal into a discrete value (0 to 65535). Higher bit-depth allows for precise measurement of minute fluctuations in process variables. #### C. Galvanic Isolation * **Optocouplers/Transformer Isolation:** The electronic design incorporates physical separation between the field inputs, the internal logic, and the communication lines. This prevents "ground loops" and protects the master PLC from high-voltage surges on the field side. #### D. Microcontroller (MCU) * An onboard MCU manages the **Modbus RTU** stack, performs digital filtering on the raw ADC data to remove noise, and handles the RS-485 serial communication. --- ### 3. Connection Diagram Overview When wiring the M2AC-AD6-R2, the electronic terminals are usually grouped as follows: 1. **Terminals 1-12:** Analog Input channels (Positive and Negative for each of the 6 channels). 2. **Power Terminals:** Dedicated V+ and V- for 24V DC supply. 3. **Communication Terminals:** A (+), B (-), and Shield for the RS-485 bus. --- ### 4. Application Use Case This part is primarily used in **Distributed Control Systems (DCS)** where sensors (like pressure transducers or flow meters) are located far from the main controller. It digitizes the signal locally and sends it over a long-distance RS-485 wire, reducing the risk of analog signal degradation over long cables.
    ✨ Follow-up Questions
    • ⤷ How do I configure the Modbus address for the M2AC-AD6-R2?
    • ⤷ What is the difference between the R2 and R1 versions of this module?
    • ⤷ Can this module support 0-10V and 4-20mA simultaneously on different channels?