Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-ADZ-R/CE

  • AI
    The **M2AC-ADZ-R/CE** is a high-performance electronic signal conditioner/converter, typically part of the M2 Series by **M-System (MG CO., LTD.)**. This specific model is designed to convert an alternating current (AC) input into a standard DC output, providing galvanic isolation between the input, output, and power source. --- ### 🛠️ Technical Specifications & Components | Feature | Specification Details | | :--- | :--- | | **Model Type** | AC Current Transmitter (RMS sensing) | | **Input Type** | 0 – 1 A AC or 0 – 5 A AC (depending on specific calibration) | | **Output Type** | Relay Contact or DC Output (R/CE variants often signify specific ranges) | | **Response Time** | Typically ≤ 0.5 seconds (0 to 90%) | | **Accuracy** | ±0.3% to ±0.5% of span | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### 🧩 Core Electronic Functionality The device operates using several internal stages to ensure signal integrity: 1. **Input Transformer Stage:** The AC current is first stepped down and isolated using an internal precision current transformer. This ensures the high-voltage/current field signal does not damage the sensitive electronics. 2. **RMS Conversion Circuit:** Unlike simple average-sensing converters, the "R" in the series often denotes **True RMS conversion**. This allows the part to accurately measure distorted waveforms or non-sinusoidal AC currents. 3. **Signal Conditioning & Amplification:** The signal is filtered to remove high-frequency noise and then amplified to a standardized internal voltage level. 4. **Isolation Barrier:** Using optoisolators or magnetic coupling, the signal is passed to the output stage without a physical electrical connection, preventing ground loops. 5. **Output Driver:** The final stage converts the internal signal back to a linear DC signal (e.g., 4-20mA or 0-10V) or manages a relay contact depending on the sub-suffix. --- ### 📋 Applications * **Power Monitoring:** Measuring current consumption of industrial motors. * **PLC Interfacing:** Converting high AC currents into a 4-20mA signal that a PLC can read. * **Load Supervision:** Detecting over-current or under-current conditions in manufacturing lines. --- ### ⚠️ Installation Notes * **Mounting:** Designed for standard DIN rail mounting. * **Wiring:** Ensure that the input current does not exceed the rated capacity (e.g., 5A) to avoid overheating the internal shunt or transformer. * **Power Supply:** Check the specific suffix for power requirements (usually 100-240V AC or 24V DC).
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the ADZ variant?
    • ⤷ Does this model support 4-20mA output specifically?
    • ⤷ How do I calibrate the zero and span on this unit?