Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-AZ3-R/CE

  • AI
    The **M2AC-AZ3-R/CE** is a high-performance **Plug-in Signal Conditioner** (specifically a Signal Isolator) manufactured by **M-System**. It is designed to convert an AC current input into a standardized DC output, providing electrical isolation between the input, output, and power source. --- ### 1. Key Technical Specifications The model code breaks down into several functional electronic components: | Feature | Specification | |:---|:---| | **Input Signal** | AC Current (e.g., 0–1A AC or 0–5A AC) | | **Output Signal** | 4–20 mA DC (denoted by 'A' in the code) | | **Power Supply** | 100–240V AC (denoted by 'M2' series / 'R' for 24V DC variants) | | **Accuracy** | ±0.3% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 2000V AC @ 1 minute (Input to output to power to ground) | --- ### 2. Functional Electronic Sections The internal circuitry of the M2AC-AZ3-R/CE consists of four primary stages: #### A. Input Conditioning (The "AC" Stage) Since the device handles AC current, the input stage utilizes an internal current transformer or a shunt resistor followed by a **Rectifier Circuit**. This converts the alternating current into a proportional DC voltage. #### B. Isolation Barrier This is the core "Safety" part of the electronic design. It uses **Optical or Galvanic Isolation**: * It prevents high-voltage surges on the input side from damaging the PLC or DCS connected to the output. * It eliminates "Ground Loops," which can cause signal inaccuracies in industrial environments. #### C. Signal Conversion & Scaling The internal operational amplifiers (Op-Amps) and precision resistors scale the rectified signal to the standard **4–20 mA** range. The "Zero" and "Span" adjustments (usually found on the front panel) allow for fine-tuning the electronic calibration. #### D. Power Supply Unit The "CE" marking indicates compliance with European safety and EMC standards. The power section includes: * **Surge Protection:** To handle industrial electrical noise. * **DC-DC Converter:** To provide regulated voltages to the internal sensing electronics. --- ### 3. Physical & Connection Layout The "Plug-in" designation refers to its base-mounted design, allowing for easy replacement without disconnecting wires. ```text Terminal | Function ---------|--------------------------- 1 & 2 | AC Input (from CT or Load) 4 & 5 | DC Output (4-20mA) 7 & 8 | Power Supply (L / N) GND | Ground Connection ``` --- ### 4. Typical Applications * **Motor Monitoring:** Measuring the AC current draw of a motor to detect overloads. * **Interface with PLC:** Converting high-voltage AC lines into a safe, low-voltage DC signal for digital controllers. * **Signal Conversion:** Adapting signals from older analog sensors to modern industrial control systems.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span settings on this unit?
    • ⤷ What is the difference between the 'R' and 'M2' power options for this model?
    • ⤷ Can this unit handle distorted AC waveforms or non-sinusoidal currents?