Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AC-AZ6-R2/

  • AI
    The **M2AC-AZ6-R2** is a specific model within a line of industrial automation components, typically associated with **Safety Relay Units** or **Safety Monitoring Modules** (often manufactured by companies like Omron or similar industrial electronic brands). Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Device Overview This device is designed to monitor safety input devices (like emergency stop buttons or safety switches) and provide a reliable, redundant output to shut down machinery in the event of a fault or emergency. | Feature | Specification Details | | :--- | :--- | | **Device Type** | Safety Relay Unit / Controller | | **Input Channels** | Dual-channel (for redundancy) | | **Output Type** | Relay outputs (Normally Open / Normally Closed) | | **Supply Voltage** | Typically 24V AC/DC (standard for industrial logic) | | **Mounting** | DIN Rail Mount | --- ## 2. Key Electronic Components & Functions ### A. Input Circuitry The device features isolated input terminals designed to detect open or short circuits in the wiring of safety sensors. * **Dual-Channel Monitoring:** It compares two separate input signals. If one signal fails or disagrees with the other (discordance), the unit triggers a safety shutdown. * **Feedback Loop:** Includes terminals for monitoring external contactors to ensure they have actually opened. ### B. Internal Logic (Safety Processor) Unlike a standard relay, the "AZ6" series contains cross-monitoring logic. * **Redundancy:** Uses internal relays in series/parallel to ensure that if one internal contact welds shut, the circuit can still be broken by the second contact. * **Self-Diagnostics:** The electronics perform an internal self-test every time the unit is powered on or reset. ### C. Output Contacts The "R2" suffix usually refers to the configuration of the output relays. * **Safety Contacts:** Usually 2 to 3 "Normally Open" (NO) safety outputs. * **Auxiliary Contacts:** 1 "Normally Closed" (NC) contact used for signaling a PLC or an indicator light that the safety circuit is tripped. --- ## 3. Terminal Mapping (Typical) While you should always consult the specific datasheet, these units generally follow this electronic layout: | Terminal Label | Function | Description | | :--- | :--- | :--- | | **A1 / A2** | Power Supply | 24V DC or AC connection | | **S11, S12, S21, S22** | Safety Inputs | Connections for E-Stop or Guard Switches | | **13-14 / 23-24** | NO Outputs | Safety-rated switching for motor starters | | **31-32 / 41-42** | NC Outputs | Non-safety signaling outputs | | **X1 / X2** | Feedback / Reset | Connection for the Reset button and external device monitoring | --- ## 4. Operational Safety Ratings From an electronic engineering perspective, this part is rated based on its "Reliability" metrics: * **SIL (Safety Integrity Level):** Usually SIL 3. * **PL (Performance Level):** Usually PLe (Category 4). * **Mechanical Life:** Relays are typically rated for 10,000,000 operations, though electrical life under load is significantly shorter (approx. 100,000 operations).
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring diagram for the dual-channel input on this model?
    • ⤷ Can this unit be used with a light curtain instead of an E-stop?
    • ⤷ What are the specific power consumption ratings for the A1/A2 terminals?