Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-213-R

  • AI
    The **M2ADS-213-R** is a specific electronic component within the category of **High-Frequency/Microwave Passive Components**, specifically a **2-way 0° Power Splitter/Combiner**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The M2ADS-213-R is designed to either split an input signal into two equal-phase output signals or combine two signals into a single output. It is typically used in RF (Radio Frequency) circuits for signal distribution or balanced amplifier configurations. ### 2. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | 2-Way 0° Power Splitter/Combiner | | **Frequency Range** | Typically wideband (check datasheet for exact MHz/GHz range) | | **Insertion Loss** | Low (typ. < 1.0 dB above the 3dB split) | | **Isolation** | High (typ. > 20 dB between output ports) | | **Phase Unbalance** | Minimal (typ. < 2-3 degrees) | | **Amplitude Unbalance** | Minimal (typ. < 0.2 dB) | | **Impedance** | 50 Ohms (Standard) | | **Package Style** | Surface Mount (SMD) | --- ### 3. Electronic Architecture The internal circuitry typically relies on a **Wilkinson Power Divider** design or a **Transformer-based** topology. * **Isolation Resistor:** Contains an internal resistor (usually 100 $\Omega$ for 50 $\Omega$ systems) to dissipate reflected energy and ensure high isolation between the two output ports. * **Impedance Matching:** Uses internal transmission line transformations to ensure low VSWR (Voltage Standing Wave Ratio) at all ports. * **RoHS Compliance:** The "-R" suffix usually denotes that the part is **RoHS Compliant** (Lead-free). ### 4. Typical Applications 1. **Antenna Arrays:** Distributing signals to multiple antenna elements. 2. **Signal Sampling:** Diverting a small portion of a signal for monitoring or measurement. 3. **Phase Shifters/Modulators:** Splitting local oscillator (LO) signals. 4. **Test Equipment:** Used in RF labs for combining multiple signal generators. --- ### 5. Installation/Soldering Considerations Since this is an SMD part, the following parameters are critical: * **Operating Temperature:** Generally rated for $-40^\circ\text{C}$ to $+85^\circ\text{C}$. * **Reflow Profile:** Must follow standard lead-free soldering profiles to avoid damaging the internal ceramic or ferrite components. * **Grounding:** Excellent PCB grounding is required under the component to maintain rated isolation and return loss.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range of the M2ADS-213-R?
    • ⤷ How does the isolation rating affect signal integrity in this component?
    • ⤷ Can this part be used in high-power transmission applications?