Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-2B1-R

  • AI
    The **M2ADS-2B1-R** is a specific part number typically associated with **M2 Antennas** (or similar RF component manufacturers), often referring to a specialized power divider, switch, or phasing system used in amateur radio and commercial RF applications. Below is a breakdown of the electronic components and technical characteristics generally associated with this series of hardware. --- ### 1. Technical Specifications This device is primarily used for RF (Radio Frequency) signal distribution. Its architecture is designed to handle high-power signals while maintaining low insertion loss. | Feature | Description | | :--- | :--- | | **Component Type** | RF Power Divider / Phasing Line | | **Frequency Range** | Typically 144-148 MHz (2-Meter Band) | | **Power Handling** | High Power (often rated up to 1.5kW - 2kW) | | **Connector Type** | Typically Type-N (Female) or SO-239 | | **Impedance** | 50 Ohms (Standard RF) | | **Material** | Aluminum housing with internal brass/copper conductors | --- ### 2. Internal Electronic Design The "electronic" aspect of this part is passive, meaning it does not require external power to operate. However, its internal construction is precision-engineered for electromagnetic performance: * **Quarter-Wave Transformation:** The internal rods or lines are cut to specific fractions of a wavelength to ensure that the impedance of multiple antennas (usually two) matches the 50-ohm feedline of the radio. * **Air-Dielectric Lines:** To handle high voltage and minimize loss, the internal conductors are often suspended in air (air-dielectric) rather than using PCB traces or coax cable. * **Weatherproofing:** The "R" in the suffix often denotes a ruggedized or weather-resistant version, utilizing O-rings and sealed connectors to prevent moisture ingress into the RF path. --- ### 3. Application Use-Case The M2ADS-2B1-R is most commonly used in **Antenna Stacking**. 1. **Input:** A single high-power feedline from the transmitter. 2. **Output:** Two balanced outputs to two separate antennas. 3. **Result:** By using this part, an operator can combine two Yagi antennas to increase gain by approximately 3dB and sharpen the signal beamwidth. --- ### 4. Part Number Breakdown While manufacturer codes vary slightly, the nomenclature generally follows this logic: | Segment | Meaning | | :--- | :--- | | **M2** | Manufacturer (M2 Antenna Systems) | | **ADS** | Antenna Divider System | | **2B** | 2-Bay (Designed for 2 antennas) | | **1** | Version/Series 1 | | **R** | Ruggedized / Rear-mount compatible | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the M2ADS-2B1-R?
    • ⤷ Can this power divider be used for frequencies outside the 2-meter band?
    • ⤷ What type of maintenance is required for air-dielectric RF components?