Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-2B1-R2

  • AI
    The **M2ADS-2B1-R2** is a specific model within the **Advantech M2ADS series**, which are high-performance **M.2 (NGFF) expansion modules** designed primarily for industrial and AI computing. These modules typically integrate Field Programmable Gate Arrays (FPGAs) to accelerate AI inference or data processing. --- ### 1. Key Electronic Components & Specifications The "M2ADS" series is built around the **Intel® Movidius™ Myriad™ X VPU** (Vision Processing Unit) or similar FPGA-based logic. Below is a breakdown of the core electronic architecture: | Component | Description | | :--- | :--- | | **Main Controller** | Typically features 2x Intel® Movidius™ Myriad™ X VPU (MA2485). | | **Interface** | M.2 Key M (PCIe Gen3 x2 interface) for high-speed data transfer. | | **Memory** | Integrated 4GB (or 8GB depending on sub-revision) LPDDR4 memory. | | **Form Factor** | M.2 2280 (22mm x 80mm), standard for industrial PC slots. | | **Power Management** | Onboard DC-to-DC converters to manage 3.3V input from the M.2 slot. | | **Thermal Design** | Often equipped with a dedicated heat spreader or heatsink to manage VPU thermals. | --- ### 2. Functional Architecture The electronics are designed to offload specific tasks from the CPU to the specialized hardware: 1. **Neural Compute Engine**: A dedicated hardware accelerator for Deep Neural Network (DNN) inferences. 2. **Imaging Accelerators**: Hardwired filters and logic for image signal processing (ISP). 3. **SHAVE Cores**: 12 to 24 Streaming Hybrid Architecture Vector Engine cores for high-parallelism tasks. ### 3. Connection Pinout (M.2 Key M) The module interacts with the host system via the following pin groups: ```yaml Pin Groupings: - Power: 3.3V (Pins 2, 4, 70, 72, 74) - Data: PCIe Lane 0 & Lane 1 (Differential Pairs) - Clock: REFCLK+ / REFCLK- - Control: PERST# (Reset), CLKREQ# (Clock Request) - Ground: Distributed across the connector for EMI shielding ``` --- ### 4. Use Cases in Electronics Engineering * **Edge AI**: Real-time object detection and facial recognition. * **Industrial Automation**: Defect detection on assembly lines using machine vision. * **Medical Imaging**: Enhancing X-ray or MRI data at the hardware level.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the M2ADS-2B1-R2?
    • ⤷ Which software SDK is required to program the Myriad X VPUs on this module?
    • ⤷ Can this module be used in a standard laptop M.2 NVMe slot?