Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-A13-R2

  • AI
    The **M2ADS-A13-R2** is a specific technical component often associated with industrial automation, specifically within the ecosystem of **Mitsubishi Electric** or related CNC/Motion Control hardware. It typically refers to an interface or expansion card used in logic controllers or high-performance servo drive systems. --- ### 1. Technical Specifications Overview The "A13" variant usually denotes specific hardware revisions or I/O configurations tailored for high-speed data acquisition or signal conversion. | Component | Description | | :--- | :--- | | **Product Type** | Analog-to-Digital / Signal Interface Card | | **Series Compatibility** | Often used with MITSUBISHI CNC or MELDAS series | | **Interface** | High-speed bus connector for main CPU logic | | **Input/Output** | Multi-channel analog input with R-Series noise filtering | | **Revision Level** | R2 (Indicates the second hardware refinement/firmware batch) | --- ### 2. Key Electronic Features * **A/D Conversion:** Converts incoming analog signals (voltage/current) from sensors or potentiometers into digital values that the machine controller can process. * **Isolation Circuits:** Employs optocouplers or magnetic isolators to protect the main control board from voltage spikes or electrical noise on the field side. * **Precision Filtering:** The "R2" revision often features improved capacitors and surface-mount resistors (SMD) to reduce signal jitter in high-precision machining environments. * **Bus Connection:** Features a multi-pin gold-plated edge connector designed for low-resistance data transfer. --- ### 3. Usage and Maintenance In an industrial setting, this part is critical for monitoring feedback loops. If this part fails, the machine usually throws a **Servo Alarm** or an **I/O Error**. ```markdown ### Diagnostic Checklist for M2ADS-A13-R2: 1. Check for visual scorch marks on the SMD components. 2. Verify that the 5V/24V DC power rails are stable. 3. Ensure the gold fingers of the edge connector are cleaned with isopropyl alcohol. 4. Confirm that the jumper settings (if any) match the original machine configuration. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the typical voltage range for the analog inputs on this card?
    • ⤷ Are there specific error codes associated with the M2ADS-A13-R2?
    • ⤷ Which Mitsubishi CNC controllers are compatible with this specific revision?