Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-AB1-R2

  • AI
    The **M2ADS-AB1-R2** is a high-performance industrial servo drive manufactured by **Delta Electronics** as part of the **ASDA-M series**. This specific series is unique because it integrates **three axes into a single drive frame**, allowing for synchronous control and space-saving in control cabinets. --- ### 1. Technical Specifications The "M2ADS" nomenclature refers to the power rating and input voltage configuration. Below are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Series** | ASDA-M (3-in-1 Servo Drive) | | **Rated Output Power** | 1kW per axis (typical for AB1 configuration) | | **Input Phase/Voltage** | 3-Phase 220VAC | | **Encoder Support** | 20-bit or 17-bit incremental/absolute | | **Communication** | DMCNET, CANopen, or RS-485/RS-232 | | **Control Mode** | Position / Speed / Torque / Pr (Internal Position) | --- ### 2. Core Electronic Components The internal architecture of the M2ADS-AB1-R2 consists of several critical stages: #### A. Power Stage (Inverter & Rectifier) * **Rectifier Bridge:** Converts the 220V AC input into a high-voltage DC Bus. * **IGBT Modules:** Uses Insulated Gate Bipolar Transistors to pulse-width modulate (PWM) the DC current back into high-frequency AC for the three separate motors. * **Common DC Bus:** Since it is a 3-in-1 drive, it shares a DC bus, allowing energy generated by one motor during braking (regeneration) to be used by another motor that is accelerating. #### B. Control & Processing Unit * **DSP (Digital Signal Processor):** High-speed processors handle the complex vector control algorithms and the "E-Cam" (Electronic Cam) functions. * **FPGA:** Manages high-speed I/O signals and ensures nanosecond-level synchronization between the three axes. #### C. Interface & Feedback * **I/O Terminals:** Provides digital inputs (DI) and digital outputs (DO) for limit switches, sensors, and alarms. * **Encoder Interface:** High-speed serial interface to read motor position data with high resolution (up to 1,280,000 pulses per revolution). --- ### 3. Key Electronic Features * **Built-in Motion Controller:** Unlike standard drives, this unit can execute complex motion sequences (interpolation) without an external PLC. * **Regenerative Resistor Support:** Features internal resistance to dissipate heat during deceleration, with terminals for an external resistor if high-inertia loads are used. * **Noise Suppression:** Integrated EMI filters and shielded communication ports to prevent electromagnetic interference in industrial environments. --- ### 4. Wiring Diagram Overview The wiring is typically divided into three main sections: ```mermaid graph LR A[Main Power 220V] --> B[L1, L2, L3 Terminals] B --> C{M2ADS Drive} C --> D[Motor Axis 1] C --> E[Motor Axis 2] C --> F[Motor Axis 3] G[Control PLC] -- DMCNET --> C ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible motor models for the M2ADS-AB1-R2?
    • ⤷ How does the common DC bus improve energy efficiency in this drive?
    • ⤷ What software is required to configure the electronic parameters of the ASDA-M series?