Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-BA1D-R2

  • AI
    The **M2ADS-BA1D-R2** is a specific part number typically associated with high-performance industrial motion control components, often found in **Sanyo Denki** (Sanmotion) or similar high-end servo drive ecosystems. Below is a breakdown of the electronic architecture and specifications commonly found in this series. --- ### 1. General Specifications This unit is generally categorized as a **Servo Amplifier/Drive**. It is designed to interpret low-power control signals and transform them into high-power electrical current to drive a motor with precision. | Feature | Specification Details | | :--- | :--- | | **Type** | AC Servo Amplifier | | **Input Voltage** | Typically 200-230V AC (Single or 3-Phase) | | **Control Method** | IGBT PWM Control (Sinusoidal Drive) | | **Feedback System** | Support for high-resolution Serial Encoders | | **Interface** | Pulse/Direction or Analog Command | --- ### 2. Key Electronic Internal Components The electronic reliability of the R2 revision is built on several critical subsystems: #### A. Power Stage (Inverter Section) * **IGBT Modules:** Uses Insulated Gate Bipolar Transistors to switch the high-voltage DC bus into a variable frequency/voltage AC output. * **DC Bus Capacitors:** Large electrolytic capacitors used to smooth the rectified AC input and provide energy storage for regenerative braking. #### B. The Control Board (Logic Section) * **DSP/FPGA:** A high-speed Digital Signal Processor handles the PID loops (Position, Velocity, and Current) with microsecond update rates. * **Isolation:** Opto-couplers or magnetic isolators are used between the high-voltage power stage and the low-voltage logic to prevent noise interference. #### C. Communication & Feedback * **Encoder Interface:** Circuitry designed to read differential signals or proprietary serial data from the motor's encoder to ensure closed-loop accuracy. * **I/O Terminals:** Digital inputs for "Limit Switches," "Servo ON," and "Emergency Stop," and digital outputs for "Alarm" and "In-Position" status. --- ### 3. Part Number Decoding (Typical) While exact manufacturer codes can vary slightly, the "BA1D-R2" suffix usually indicates specific electronic configurations: 1. **M2ADS:** The base series identifier (Model 2 AC Digital Servo). 2. **BA:** Often indicates the current/power rating (e.g., 15A or 30A peak). 3. **1D:** Refers to the physical frame size and cooling method (Heatsink vs. Fan). 4. **R2:** This usually denotes a **Hardware Revision**. Revision 2 often includes updated firmware compatibility, improved electromagnetic interference (EMI) filtering, or more robust capacitors compared to the original version. --- ### 4. Common Applications * **Semiconductor Manufacturing:** For high-speed wafer handling. * **CNC Machinery:** For precise axis movement. * **Robotic Arms:** Where synchronized multi-axis motion is required.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the M2ADS input power?
    • ⤷ How does the R2 revision differ from the R1 in terms of firmware?
    • ⤷ What type of motors are compatible with the BA1D power rating?