Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-CB1-R2

  • AI
    The **M2ADS-CB1-R2** is a high-performance evaluation and carrier board typically associated with **Socionext** (specifically for their Milbeaut series or high-speed interface chips). It is designed to bridge M.2 form factor modules with standard peripheral interfaces for testing and development. ### Core Specifications and Components | Component Category | Description | | :--- | :--- | | **Form Factor** | Standard M.2 (NGFF) interface, usually Type 2280 or similar. | | **Primary Interface** | PCIe Gen 3/4 support via M.2 Gold finger connector. | | **On-board ICs** | Power Management ICs (PMIC), level shifters, and clock generators. | | **Connectivity** | High-speed headers for debugging (UART, JTAG, and I2C). | | **Voltage Rails** | Converts 3.3V (standard M.2) to core voltages required by the SoC. | --- ### Key Electronic Sub-Systems #### 1. Power Management The board features sophisticated voltage regulation to ensure signal integrity for high-speed data transfers. * **DC-DC Converters:** Steps down input voltage for the logic cores. * **LDO Regulators:** Provides clean, low-noise power for analog components and PLLs. #### 2. High-Speed Signal Routing The PCB layout is optimized for differential pair routing to support: * **PCIe Lanes:** Minimized crosstalk and matched impedance (typically 85-100 ohms). * **Clocking:** Features an on-board crystal oscillator or an external clock input to synchronize data transmission. #### 3. Protection Circuitry * **TVS Diodes:** Protects the sensitive logic gates from Electrostatic Discharge (ESD) during handling. * **Decoupling Capacitors:** Strategically placed near power pins to filter high-frequency noise. --- ### Pinout and Debugging Features The "R2" designation indicates a second revision, often including improved thermal dissipation or updated pin assignments for better compatibility with newer host controllers. * **DIP Switches:** Often used for selecting boot modes or configuring hardware straps. * **LED Indicators:** Visual feedback for "Power Good," "Link Active," and "Status" signals. --- ### Typical Use Cases 1. **SoC Prototyping:** Testing Socionext imaging or interface processors. 2. **Firmware Development:** Loading and debugging code via the JTAG/UART headers. 3. **Validation:** Measuring electrical characteristics (eye diagrams) of the high-speed bus.
    ✨ Follow-up Questions
    • ⤷What are the specific Socionext SoCs compatible with this carrier board?
    • ⤷ Does the R2 revision support PCIe Gen 4 speeds?
    • ⤷ Where can I find the schematic or pin mapping for the M2ADS-CB1-R2?