Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-CBB-R2

  • AI
    The **M2ADS-CBB-R2** is a specialized electronic component, typically identified as a **high-speed backplane connector** or a specialized interface board used in industrial computing and networking hardware. It is part of the architecture used to bridge high-speed data signals between modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "M2" designation often refers to the form factor or pin density, while "CBB" typically stands for **Common Backbone** or **Carrier Board Bridge**. | Feature | Description | | :--- | :--- | | **Component Type** | High-density Interconnect / Backplane Module | | **Interface Standard** | PCIe Gen 3/4 Support (typical for R2 revisions) | | **Data Rate** | Up to 16 Gbps per lane (depending on configuration) | | **Revision** | R2 (Indicates an updated PCB trace layout for signal integrity) | | **Material** | High-temp FR4 or Megtron-grade laminate | --- ### 2. Key Electronic Parts & Construction The M2ADS-CBB-R2 consists of several critical sub-components designed to maintain signal integrity over high frequencies: * **Gold-Fingers / Edge Connector:** Used for low-resistance electrical contact. The R2 revision often features "hard gold" plating to withstand multiple insertion cycles. * **Differential Pair Traces:** The PCB layout utilizes impedance-controlled differential pairs (usually 85Ω or 100Ω) to minimize crosstalk and EMI. * **Decoupling Capacitors:** Small Surface Mount Device (SMD) capacitors are placed near power pins to filter high-frequency noise and provide local energy storage. * **EEPROM (Optional):** Some versions include a small I2C-based EEPROM chip used for "Presence Detection" or storing hardware ID/Revision data for the host system. --- ### 3. Functional Role in Systems This part is usually found in high-performance environments such as: 1. **Server Blade Systems:** Acts as the physical and electrical bridge between a compute node and the chassis midplane. 2. **Storage Arrays:** Facilitates high-speed NVMe data paths between drive controllers and the CPU. 3. **Signal Conversion:** In some contexts, it functions as a "riser," converting a vertical connection to a horizontal one to fit slim rackmount enclosures. --- ### 4. Technical Differences in Revision 2 (R2) The transition from the original version to **R2** generally involves: * **Improved Signal Integrity (SI):** Optimized via-stitching to reduce "stub" interference. * **Enhanced Thermal Dissipation:** Thicker copper weight in power planes to handle higher current loads. * **Compliance:** Meeting newer environmental standards (RoHS/Reach) and higher PCIe timing margins.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2ADS-CBB-R2?
    • ⤷ Which specific server models use this backplane connector?
    • ⤷ Does the R2 revision support PCIe Gen 5 signaling?