Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-DB2-R

  • AI
    The **M2ADS-DB2-R** is a specific model of an M.2 Adapter card, typically used in industrial computing or server environments to bridge an M.2 slot to a DB9 (Serial) interface. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Core Functions & Interface This device acts as a hardware bridge between the internal system bus and external peripheral communication. | Feature | Specification | |:---|:---| | **Form Factor** | M.2 (Type 2280-D2-B-M or similar) | | **Input Interface** | M.2 B+M Key (PCIe or USB signals) | | **Output Interface** | DB9 (RS-232/422/485) | | **Channel Count** | Usually 2-Port Serial | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Electronic Components The board contains several integrated circuits (ICs) and passive components required for signal conversion: ### A. The Controller IC (UART Bridge) This is the "brain" of the adapter. It translates the M.2 bus signals into UART (Universal Asynchronous Receiver-Transmitter) signals. * **Common Chips:** Often uses **Exar (MaxLinear)** or **Asix (Moschip)** chipsets. * **Function:** Manages data buffering, flow control, and clock synchronization. ### B. Transceiver ICs UART signals from the controller are low-voltage (TTL). The transceivers convert these to the higher voltages required for RS-232/422/485 standards. * **Protection:** High-end models include **15KV ESD protection** to prevent damage from static discharge when plugging in cables. * **Isolation:** Some "R" variants include optical isolation to prevent ground loops. ### C. Voltage Regulation Since M.2 slots provide 3.3V, the board includes: * **LDO Regulators:** To step down or stabilize voltage for the controller. * **Charge Pumps:** To generate the +/- voltages required for RS-232 signaling. --- ## 3. Connector Pinout (DB9) The DB9 male connector follows standard serial pinouts, typically configured for RS-232: | Pin | Signal | Description | |:---:|:---:|:---| | 1 | **DCD** | Data Carrier Detect | | 2 | **RXD** | Receive Data | | 3 | **TXD** | Transmit Data | | 4 | **DTR** | Data Terminal Ready | | 5 | **GND** | Ground | | 6 | **DSR** | Data Set Ready | | 7 | **RTS** | Request to Send | | 8 | **CTS** | Clear to Send | | 9 | **RI** | Ring Indicator | --- ## 4. Hardware Configuration The board often features physical selection mechanisms: * **Jumpers/DIP Switches:** Used to select between RS-232, RS-422, or RS-485 modes. * **Termination Resistors:** 120-ohm resistors (selectable) for long-distance RS-485 stability. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RS-232 and RS-485 modes on this adapter?
    • ⤷ Does this model require specific drivers for Windows 11 or Linux?
    • ⤷ What are the power consumption specifications for the M2ADS series?