Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-EB2-R2/Q

  • AI
    The **M2ADS-EB2-R2/Q** is a specialized evaluation board designed for testing and developing high-performance **Analog-to-Digital Converters (ADCs)**. Specifically, this board is part of the ecosystem for high-speed, high-resolution data acquisition. --- ### 1. Key Components and Electronic Architecture The board serves as a bridge between a high-speed ADC and a data processing system (usually an FPGA). Below are the primary electronic sections: | Component Category | Description | | :--- | :--- | | **Main Chipset** | High-speed ADC (often 12-bit to 16-bit resolution) with multi-channel capabilities. | | **Interface Port** | Uses an **FMC (FPGA Mezzanine Card)** connector or a high-speed Samtec connector to interface with development kits. | | **Clocking System** | Low-jitter oscillators and clock buffers to ensure precise sampling timing. | | **Power Management** | Multi-stage LDOs (Low Dropout Regulators) to provide clean, noise-free DC power to the analog rails. | | **Analog Inputs** | SMA connectors or differential headers for high-frequency signal injection. | --- ### 2. Technical Specifications This board is engineered for precision signal processing. Typical specifications for this series include: * **Sampling Rate:** Often ranges from 50 MSPS to over 200 MSPS depending on the specific ADC mounted. * **Input Impedance:** Standardized at 50 ohms for RF/High-speed signal integrity. * **Coupling:** Support for both DC and AC coupling via jumper configurations. * **Signal Integrity:** Built on a multi-layer PCB (usually 6-10 layers) with dedicated ground planes to minimize EMI and crosstalk. --- ### 3. Connection and Integration To use the **M2ADS-EB2-R2/Q**, it is typically integrated into a larger signal chain: 1. **Analog Source:** Function generator or sensor output connected via SMA cables. 2. **Logic Carrier:** Attached to an FPGA carrier board (like a Xilinx Kintex or Zynq series) via the FMC connector. 3. **Software Control:** Configured via SPI or I2C protocols to set gain, offset, and sampling modes. ```bash # Example: Concept of initializing an ADC via SPI (Pseudo-code) write_reg(0x00, 0x01) # Reset ADC write_reg(0x01, 0x10) # Set Output Format to Two's Complement write_reg(0x05, 0x00) # Enable all channels ``` --- ### 4. Typical Applications * **Software Defined Radio (SDR):** Digitizing RF intermediate frequencies. * **Medical Imaging:** Processing signals for Ultrasound or MRI equipment. * **Test & Measurement:** High-speed data logging and oscilloscope front-ends. * **Radar Systems:** Pulse analysis and digital beamforming. ---
    ✨ Follow-up Questions
    • ⤷What is the specific ADC model mounted on this evaluation board?
    • ⤷ Does this board support LVDS or JESD204B digital outputs?
    • ⤷ What type of FPGA carrier boards are compatible with the FMC connector on this device?