Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-EBD-R

  • AI
    The **M2ADS-EBD-R** is a specialized electronic evaluation board (EBD) typically associated with **M.2 (NGFF)** architecture, often used for testing, debugging, or adapting high-speed storage and communication modules. Below is a breakdown of its core electronic components and functional design. --- ### 1. Key Electronic Component Categories | Component Type | Specific Function | Importance | | :--- | :--- | :--- | | **M.2 Connector** | Physical interface for M.2 modules | Provides the mechanical and electrical connection for SSDs or WiFi cards. | | **Voltage Regulators (LDO/Buck)** | Steps down input voltage (e.g., 5V or 12V to 3.3V) | M.2 modules strictly require stable 3.3V power rails. | | **Decoupling Capacitors** | Filters high-frequency noise | Essential for maintaining signal integrity on high-speed PCIe/SATA lanes. | | **Level Shifters** | Adjusts logic levels between components | Ensures communication between a 3.3V M.2 card and potentially 5V or 1.8V external controllers. | | **Status LEDs** | Visual indicators | Used for Power Good (PG), Activity (ACT), and Reset status. | --- ### 2. Functional Architecture The board serves as a bridge between the M.2 form factor and a testing environment (usually a PC or an industrial tester). #### A. Power Management Circuitry The "EBD" (Evaluation Board) designation implies robust power monitoring. It usually includes: * **Current Sensing Resistors:** Allow engineers to measure the power consumption of the plugged-in module. * **Protection Diodes:** Prevents damage from reverse polarity or electrostatic discharge (ESD) when handling the board. #### B. Signal Routing Because these boards handle high-speed signals (PCIe Gen3 or Gen4), the PCB design involves: * **Differential Pair Routing:** To minimize electromagnetic interference (EMI). * **Impedance Matching:** Usually 85Ω or 100Ω differential impedance to prevent signal reflections. #### C. Connectivity & Headers The board often features pins or headers for debugging: * **JTAG/UART Headers:** For accessing the firmware of the installed module. * **SMBus/I2C Pins:** Used for reading temperature sensors or serial number data from the module's controller. --- ### 3. Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (Mobile Next Generation Form Factor) | | **Bus Interface** | Supports PCIe (NVMe) or SATA depending on Keying | | **Keying** | Usually **M-Key** (SSD) or **B-Key** (WWAN/SATA) | | **Input Power** | Typically DC 5V or 12V via external header or USB | | **Operating Temp** | Industrial grade (-40°C to +85°C) often supported | --- ### 4. Common Use Cases 1. **Firmware Development:** Testing custom code on SSD controllers. 2. **Performance Benchmarking:** Measuring throughput without the thermal constraints of a laptop chassis. 3. **Quality Assurance:** Burn-in testing for mass production of M.2 modules.
    ✨ Follow-up Questions
    • ⤷ What is the specific M.2 Keying (A
    • ⤷ B
    • ⤷ or M) for this board?
    • ⤷ Does this evaluation board support PCIe Gen 4 or Gen 5 speeds?
    • ⤷ Are there specific software drivers required to interface with the EBD's monitoring chips?