Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-F11-R

  • AI
    The **M2ADS-F11-R** is a specific model within the series of high-performance industrial switches/converters, typically associated with **Moxa** or similar industrial networking hardware manufacturers. It is designed for robust performance in harsh environments. --- ### 1. Key Technical Specifications The following table highlights the primary electronic and hardware characteristics of the M2ADS-F11-R: | Feature | Specification | | :--- | :--- | | **Interface Type** | Dual-port 10/100/1000BaseT(X) or Fiber Optic (Model dependent) | | **Input Voltage** | Typically 12 to 48 VDC (Redundant inputs) | | **Power Consumption** | Low wattage (typically < 5W) for energy efficiency | | **Connector Type** | DB9 or RJ45 depending on the serial interface | | **Operating Temp** | -40 to 75°C (Extended temperature range) | | **Isolation** | 2 KV isolation protection for serial signals | --- ### 2. Core Electronic Components The internal architecture of the M2ADS-F11-R consists of several critical electronic sub-systems: #### A. Power Management Unit (PMU) * **Redundant Power Inputs:** Features dual DC power inputs to ensure the device remains operational if one power source fails. * **Reverse Polarity Protection:** Prevents damage to the internal circuitry if the positive and negative leads are swapped during installation. #### B. Signal Processing & Conversion * **Integrated Circuit (IC):** Uses industrial-grade microcontrollers or ASICs to manage data packets and signal timing. * **Opto-Isolators:** These components provide electrical isolation between the input and output ports, protecting the main board from high-voltage spikes (surges). #### C. Communication Ports * **Ethernet Controllers:** High-speed physical layer (PHY) chips that manage auto-negotiation and MDI/MDI-X crossover. * **Fiber Optics (If equipped):** Utilizes SFP (Small Form-factor Pluggable) transceivers or fixed SC/ST connectors to convert electrical signals into light pulses for long-distance transmission. --- ### 3. Protection & Durability Features The "R" in the model name often denotes **Ruggedized** or **RoHS** compliance. * **Surge Protection:** Built-in TVS (Transient Voltage Suppressor) diodes on the communication lines. * **Housing:** Usually encased in an IP30-rated metal housing which acts as a heat sink and provides EMI (Electromagnetic Interference) shielding. * **Mounting:** Designed for DIN-rail mounting, common in industrial control panels. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum data transmission distance for the fiber port on this model?
    • ⤷ Does the M2ADS-F11-R support Power over Ethernet (PoE)?
    • ⤷ What are the specific serial protocols supported by this device?