Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-F12-R2

  • AI
    The **M2ADS-F12-R2** is a specific industrial-grade connector assembly, typically associated with high-density circular connectors used in automation, sensors, and aerospace applications. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The M2ADS series usually refers to a ruggedized interconnection system. Here are the primary electrical and physical characteristics: | Property | Specification | | :--- | :--- | | **Connector Type** | Circular Industrial Connector | | **Pin Configuration** | 12-Pin (F12 designation) | | **Gender** | Female Socket (indicated by "S") | | **Mounting Style** | Rear Mount / Panel Mount (R2 suffix) | | **Contact Plating** | Gold over Nickel (standard for high reliability) | | **IP Rating** | Typically IP67 or IP68 (Waterproof/Dustproof) | --- ## 2. Electronic Parts Breakdown ### A. Contact Inserts (Pin/Socket) * **Material:** Usually made of a high-conductivity copper alloy. * **Plating:** Gold plating is used to prevent oxidation and ensure low contact resistance over thousands of mating cycles. * **Current Rating:** Typically rated for **3A to 5A** per contact, depending on the specific gauge of wire used. ### B. Dielectric Insulator * **Material:** Thermoplastic or PPS (Polyphenylene Sulfide). * **Function:** This part holds the 12 pins in place and provides electrical isolation between them to prevent short circuits. It is designed to withstand high voltages (typically 500V - 1000V AC/DC). ### C. Housing & Shielding * **EMI/RFI Shielding:** The metal shell (usually Nickel-plated Brass or Aluminum) acts as a Faraday cage to protect signals from electromagnetic interference. * **Coupling Mechanism:** Features a threaded or bayonet locking system to ensure the connection does not break under vibration. --- ## 3. Wiring and Application ### Common Pinout Use-Cases In a 12-pin configuration like the **F12**, the pins are generally utilized as follows: 1. **Power (V+ and Ground):** Usually 2-4 pins dedicated to DC power. 2. **Signal/Data:** 6-8 pins for analog sensors (0-10V, 4-20mA) or digital communication (RS-232, RS-485). 3. **Shield/Drain:** One pin or the outer shell connected to the cable shield. ### Applications * **Robotics:** Connecting sensors on robotic arms to a central controller. * **Medical Equipment:** High-reliability diagnostic interfaces. * **Industrial Automation:** Interface for PLC (Programmable Logic Controllers) and encoders. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the M2ADS-F12-R2?
    • ⤷ Does this connector support high-speed data protocols like Ethernet?
    • ⤷ What is the recommended wire gauge (AWG) for the 12-pin contacts?