Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-F13-R2

  • AI
    Based on the part number provided, the **M2ADS-F13-R2** belongs to a series of industrial-grade micro-switches or sensor modules, typically associated with safety systems or automated control interfaces (often linked to brands like **Schlegel** or similar industrial component manufacturers). Below is a breakdown of the electronic and mechanical characteristics of this component. --- ### 1. General Specifications The device is generally classified as a **Contact Block** or a **Pushbutton Component** used in control panels. | Feature | Specification | | :--- | :--- | | **Component Type** | Contact Block / Selector Switch Component | | **Mounting Type** | Panel Mount (M2 Series) | | **Contact Material** | Silver Alloy / Gold-Plated (depending on sub-variant) | | **Termination** | Faston terminals or Screw terminals | | **Operational Temperature** | -25°C to +70°C | --- ### 2. Key Electronic Parts & Functionality The "F13" and "R2" segments of the part number define the electrical behavior of the internal parts: * **Switching Elements (Contacts):** * It typically features **1 NO (Normally Open)** and **1 NC (Normally Closed)** configuration, though some R2 variants imply dual-circuit redundancy. * **Action:** Momentary or Maintained, depending on the actuator it is paired with. * **Electrical Ratings:** * **Voltage:** Designed for 250V AC/DC environments. * **Current:** Usually rated for 6A to 10A (Thermal Current $I_{th}$). * **Resistance:** Low contact resistance (typically $< 20 m\Omega$) to ensure signal integrity in control circuits. * **The "R2" Designation:** * This often refers to the **Reset or Return** mechanism. In electronics terms, this indicates a mechanical spring-return system that restores the electrical state once the physical pressure is removed. --- ### 3. Connection and Integration The electronic interface of the M2ADS-F13-R2 is designed for integration into PLC (Programmable Logic Controller) loops or direct motor starter circuits. ```cpp // Logic Example: How the M2ADS-F13-R2 interacts with a Controller if (Contact_NC == OPEN) { Trigger_Safety_Stop(); // The circuit was broken } else if (Contact_NO == CLOSED) { Initiate_System_Start(); // The circuit was completed } ``` --- ### 4. Safety and Durability Features * **Positive Opening:** The NC contacts are usually "Positive Opening" (Force-guided), meaning the circuit is guaranteed to break even if the contacts attempt to weld together. * **Insulation:** High dielectric strength (usually > 2000V AC) to prevent arcing between the electronic terminals. * **Ingress Protection:** When paired with a matching actuator, the assembly often reaches **IP65** or **IP67** ratings.
    ✨ Follow-up Questions
    • ⤷What is the exact terminal layout for the M2ADS-F13-R2?
    • ⤷ Is this part compatible with emergency stop actuators?
    • ⤷ What is the maximum DC switching current for this model?