Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-F2D-R

  • AI
    ## M2ADS-F2D-R Electronic Components & Specifications The **M2ADS-F2D-R** is a specialized industrial networking component, typically identified as a **Mini-GBIC (SFP) Transceiver Module**. It is designed for high-speed data transmission over fiber optic cables. Below is a breakdown of its electronic characteristics, internal components, and functional architecture. --- ### 1. Core Technical Specifications The device acts as a physical layer interface, converting electrical signals from a switch or router into optical signals and vice versa. | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Data Rate** | 1.25 Gbps (Gigabit Ethernet) | | **Fiber Type** | Single-Mode Fiber (SMF) | | **Connector Type** | Dual LC (Lucent Connector) | | **Wavelength** | 1310 nm | | **Transmission Distance** | Up to 10 km or 20 km (variant dependent) | | **Voltage Supply** | 3.3V DC | --- ### 2. Internal Electronic Sub-assemblies The M2ADS-F2D-R consists of three primary electronic sections: #### A. The Optical Transmitter (TOSA) The **Transmitter Optical Sub-Assembly** consists of: * **Laser Diode (LD):** Typically a Fabry-Perot (FP) or DFB laser that converts electrical current into light pulses at the 1310nm wavelength. * **Laser Driver IC:** A high-speed integrated circuit that modulates the laser based on the incoming differential data from the host device. #### B. The Optical Receiver (ROSA) The **Receiver Optical Sub-Assembly** consists of: * **Photodiode (PIN):** Detects incoming light pulses and converts them back into a weak electrical current. * **Trans-Impedance Amplifier (TIA):** Amplifies the weak current from the photodiode into a measurable voltage signal. * **Limiting Amplifier:** Reshapes the signal to ensure clean high/low (0/1) logic levels for the host system. #### C. Control and Interface Electronics * **EEPROM:** Stores the module's ID, manufacturer data, and compatibility codes. * **DDM (Digital Diagnostic Monitoring):** Integrated sensors that allow the host switch to monitor real-time parameters like temperature, supply voltage, laser bias current, and optical power levels. --- ### 3. Pinout & Electrical Interface The module uses a standard 20-pin gold-finger connector to interface with the host PCB. ```yaml Pin Category | Function -------------|-------------------------------------------------- Power | VeeT/VeeR (Ground), VccT/VccR (+3.3V Supply) Data (High) | TD+/- (Differential Transmit), RD+/- (Differential Receive) Control | TX_Fault, TX_Disable, MOD_ABS (Module Absent) Diagnostics | SCL/SDA (I2C interface for DDM and EEPROM) ``` --- ### 4. Application Environment Electronic parts like the M2ADS-F2D-R are engineered for durability in industrial environments. They usually feature: * **EMI Shielding:** A metal housing to prevent electromagnetic interference. * **Hot-Swappable Logic:** Circuitry that allows the part to be plugged in or removed while the host equipment is powered on without causing electrical shorts. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 1310nm wavelength used here and 850nm modules?
    • ⤷ Does the M2ADS-F2D-R support Digital Diagnostic Monitoring (DDM)?
    • ⤷ What type of fiber cable is compatible with the Dual LC connector on this module?