Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2ADS-Z2D-R/Q

  • AI
    The **M2ADS-Z2D-R/Q** is a specialized electronic component, typically classified as a **High-Density Power Module** or a **Multi-Phase DC-DC Converter** used in high-performance computing (HPC) and server environments. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications Overview This component is designed for low-voltage, high-current regulation. It is often integrated into Voltage Regulator Modules (VRMs) to power CPUs, GPUs, or ASICs. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage ($V_{in}$)** | 4.5V to 16V | | **Output Voltage ($V_{out}$)** | 0.5V to 2.5V (Adjustable) | | **Max Current ($I_{out}$)** | 60A - 90A per phase | | **Switching Frequency** | 200kHz to 1.5MHz | | **Package Type** | QFN (Quad Flat No-lead) / LGA | | **Control Protocol** | PMBus / $I^2C$ / SVID | --- ## 2. Core Electronic Architecture The M2ADS-Z2D series generally follows a **DrMOS (Driver + MOSFET)** architecture. It integrates the following discrete functions into a single silicon package: ### A. Integrated Power Stage * **High-Side MOSFET:** Optimised for low switching losses. * **Low-Side MOSFET:** Optimized for low Rds(on) to minimize conduction losses. * **Gate Driver:** High-speed circuitry that manages the "on/off" states of the MOSFETs based on the PWM signal. ### B. Protection Circuitry * **OCP (Over-Current Protection):** Monitors current flow to prevent thermal runaway. * **OTP (Over-Temperature Protection):** Shuts down or throttles the device if the junction temperature exceeds limits (typically >150°C). * **UVLO (Under-Voltage Lockout):** Ensures the device does not operate until the input voltage is stable. --- ## 3. Pinout and Connectivity (Typical) Electronic integration requires connecting specific signal pins to a Master PWM Controller: * **PWM:** Receives the logic signal to toggle the MOSFETs. * **VCC/PVCC:** Supplies power to the internal logic and drivers. * **PHASE/SW:** The output node connected to the output inductor. * **IMON/TMON:** Current and Temperature monitoring pins that provide feedback to the system controller. --- ## 4. Key Performance Characteristics 1. **Efficiency:** Optimized for >90% efficiency at typical load points to reduce heat dissipation in dense server racks. 2. **Accuracy:** High-precision current sensing (often using DCR or RDS(on) sensing) to ensure balanced load sharing in multi-phase configurations. 3. **Transient Response:** Capable of responding to sudden micro-processor load changes in nanoseconds.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the M2ADS-Z2D-R/Q?
    • ⤷ Which PWM controllers are most compatible with this power stage?
    • ⤷ Can you provide the exact dimensions of the Z2D package?