Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-11-R/N

  • AI
    The **M2AMS-11-R/N** is a specific model within the series of industrial limit switches or microswitches, typically associated with manufacturers like **Moujen Electric**. These components are designed for high-precision sensing and heavy-duty mechanical interlocking. --- ### 1. Technical Specifications The "M2AMS-11-R/N" part number can be broken down into specific electrical and mechanical attributes: | Feature | Specification | | :--- | :--- | | **Type** | Micro Limit Switch (Precision Type) | | **Contact Configuration** | 1NO + 1NC (Single Pole Double Throw - SPDT) | | **Actuator Type** | Roller Plunger (Standard) | | **Housing Material** | Zinc Die-cast / High-grade Plastic | | **Protection Rating** | IP65 or IP67 (Dust/Water resistant) | | **Max Current** | 10A to 15A (at 250VAC) | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Electronic Component Breakdown The switch operates as a mechanical-to-electrical transducer. Below are the core electronic aspects: #### A. Contact Block The "11" in the part number usually signifies the contact arrangement. It utilizes a **snap-action mechanism**, ensuring that the transition between the Normally Open (NO) and Normally Closed (NC) states happens rapidly, regardless of the speed of the physical trigger. This prevents electrical arcing. #### B. Terminal Design * **R/N Suffix:** Often refers to the terminal style (Screw terminals vs. Solder terminals) or the specific reset mechanism. * **Voltage Rating:** Designed to handle AC loads (up to 480V) and DC loads (up to 250V), though DC amperage is significantly lower due to arc suppression requirements. #### C. Operational Parameters * **Operating Force (OF):** The amount of physical pressure required to flip the internal contact. * **Pre-travel (PT):** The distance the roller moves before the circuit changes state. * **Differential Travel (DT):** The distance between the "trip" point and the "reset" point. --- ### 3. Wiring Logic The switch typically features three pins for the internal SPDT circuit: ```mermaid graph LR COM[Common Terminal] --- NC[Normally Closed] COM --- NO[Normally Open] ``` 1. **Common (COM):** The input line. 2. **NC (Normally Closed):** Circuit is complete when the switch is at rest. 3. **NO (Normally Open):** Circuit completes only when the roller is depressed. --- ### 4. Applications * **CNC Machinery:** For axis limit detection. * **Conveyor Systems:** To detect the presence of objects. * **Safety Interlocks:** Ensuring a machine door is closed before operation.
    ✨ Follow-up Questions
    • ⤷ What is the exact difference between the 'R' and 'N' suffixes in Moujen part numbers?
    • ⤷ How do I calculate the life expectancy (mechanical vs. electrical) for this switch?
    • ⤷ What are the mounting hole dimensions for the M2AMS series?