Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-11-R2SLASHQ

  • AI
    The **M2AMS-11-R2/Q** is a high-precision, industrial-grade absolute magnetic encoder system (often used in motion control and robotics). It is designed to provide position feedback for rotating shafts, even in harsh environments where dust, oil, or moisture are present. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications The following table summarizes the key electronic and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Absolute Magnetic Encoder | | **Resolution** | Up to 12-bit (4096 positions per revolution) | | **Supply Voltage** | 5V DC ± 10% | | **Output Interface** | SSI (Synchronous Serial Interface) or PWM | | **Max Speed** | 10,000+ RPM (Magnetic tracking) | | **Ingress Protection** | IP67 (Standard for the "Q" series) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Electronic Components The system consists of two primary electronic elements: #### A. The Encoder Module (The Body) * **Hall Effect Array:** A specialized integrated circuit (IC) that detects the orientation of the magnetic field. * **ASIC (Application Specific Integrated Circuit):** Processes the raw analog signals from the Hall sensors and converts them into a digital position value. * **Voltage Regulator:** Ensures stable internal power despite minor fluctuations in the 5V input. #### B. The Magnetic Actuator * **Permanent Magnet:** Usually a diametrically magnetized cylindrical magnet. * **Air Gap:** The electronics are designed to operate with a specific air gap (typically 0.5mm to 2.0mm) between the sensor face and the magnet. --- ### 3. Connection and Wiring Standard wiring for the SSI/Digital interface usually follows this logic: ```yaml Pin/Wire Color | Function | Description ---------------|---------------|----------------------- Red | VCC | +5V Power Supply Black | GND | 0V Ground White | Clock (+) | SSI Clock Input Green | Clock (-) | SSI Clock Input (Inv) Yellow | Data (+) | Position Data Output Blue | Data (-) | Position Data Output (Inv) ``` --- ### 4. Key Advantages 1. **Non-Contact Sensing:** Since there is no physical contact between the magnet and the sensor, there is zero mechanical wear on the electronic parts. 2. **Absolute Positioning:** Unlike incremental encoders, it knows its exact position immediately upon power-up without requiring a "home" sequence. 3. **High Resilience:** The "Q" suffix usually denotes a high-quality, ruggedized enclosure, making the electronics immune to vibration and shock. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the SSI and PWM output modes for this encoder?
    • ⤷ How do I calibrate the air gap between the magnet and the M2AMS sensor?
    • ⤷ Is this encoder compatible with 24V industrial PLC systems?