Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-151-R

  • AI
    The **M2AMS-151-R** is a specific type of **Magnetic Proximity Sensor** (often referred to as a Reed Switch assembly) manufactured by companies like ZF (formerly Cherry) or similar industrial sensor providers. These components are designed to detect the presence of a magnetic field without physical contact. --- ## 1. Component Specifications The "M2AMS" series typically features a cylindrical, threaded housing for easy mounting and adjustment. Below are the general electronic and physical characteristics: | Feature | Description | | :--- | :--- | | **Sensor Type** | Magnetic Reed Switch | | **Contact Form** | Form A (Normally Open) | | **Housing Material** | Aluminum or Stainless Steel (Threaded) | | **Termination** | Wire Leads (often 20-24 AWG) | | **Switching Voltage** | Typically up to 175 - 200 VDC / VAC | | **Switching Current** | Usually 0.5A maximum | | **Contact Rating** | 10 Watts (Power handling capacity) | --- ## 2. Electronic Operating Principles The device operates on the principle of **magnetic induction**. Inside the metal housing is a hermetically sealed glass envelope containing two ferromagnetic blades (reeds). 1. **State of Rest:** In the absence of a magnetic field, the reeds are separated, creating an open circuit (Normally Open). 2. **Actuation:** When a permanent magnet or electromagnet approaches the sensor within a specific "pull-in" distance, the magnetic flux causes the reeds to attract and touch. 3. **Circuit Completion:** The contact closes, allowing current to flow through the connected load. --- ## 3. Key Electronic Advantages * **Zero Power Consumption:** As a passive mechanical switch triggered by magnetism, it requires no standby power. * **Isolation:** The hermetically sealed nature protects the contacts from oxidation, moisture, and dust. * **High Life Expectancy:** Since there are no sliding parts, it can survive millions of cycles at low electrical loads. * **Safety:** It is intrinsically safe for use in environments where electronic sparks must be contained within a housing. --- ## 4. Typical Applications The M2AMS-151-R is widely used in industrial automation for: * **Limit Sensing:** Detecting the end-of-travel for pneumatic cylinders or robotic arms. * **Door/Gate Security:** Sensing whether a panel or safety guard is closed. * **Position Verification:** Ensuring a component is correctly seated in a jig or fixture. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the M2AMS-151-R?
    • ⤷ Can this sensor be used to drive a high-power motor directly?
    • ⤷ How do I wire this sensor to a PLC (Programmable Logic Controller)?