Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-151-R2/N

  • AI
    The **M2AMS-151-R2/N** is a specialized microwave/RF assembly, typically categorized as a **High-Power Pin Diode Switch** or a **Multi-Throw Switch Module**. These components are frequently used in radar systems, electronic warfare (EW), and communication infrastructure to route high-frequency signals. --- ### 1. Technical Specifications Overview While specific data can vary by manufacturer (often associated with brands like Cobham or Aeroflex/Metelics), the model number breakdown generally indicates the following parameters: | Parameter | Estimated Value / Description | | :--- | :--- | | **Component Type** | SP5T (Single Pole Five Throw) Switch | | **Frequency Range** | Typically 0.5 GHz to 18 GHz (Broadband) | | **Switching Element** | PIN Diode | | **Control Logic** | TTL (Transistor-Transistor Logic) | | **Package Style** | Hermetically sealed module with SMA connectors | | **Insertion Loss** | Low (typically < 3.0 dB at high frequencies) | --- ### 2. Key Electronic Parts & Construction The internal architecture of this module consists of several critical sub-components: #### A. PIN Diodes The core switching elements. Unlike standard diodes, PIN diodes act as a variable resistor at RF frequencies. * **Forward Bias:** Low resistance (allows signal to pass). * **Reverse Bias:** High resistance (blocks the signal). #### B. Integrated TTL Driver The "R2/N" suffix often indicates a specific driver configuration. * The module includes internal circuitry that translates low-voltage digital signals (TTL) into the high-current/high-voltage bias required to flip the PIN diodes. * **Internal Decoupling:** Capacitors and inductors are used to ensure the DC bias does not interfere with the RF signal path. #### C. RF Circuitry (Microstrip/Stripline) The signals travel along precision-etched gold or copper traces on a high-frequency ceramic substrate (like Alumina or Rogers board). This ensures impedance matching (usually **50 Ohms**) to prevent signal reflection. #### D. Bias Tees and Chokes These are passive components used to "inject" the DC power needed to toggle the diodes while preventing that DC from leaking into the RF input/output ports. --- ### 3. Application Use Cases * **Antenna Array Switching:** Directing a single transmitter to one of five different antenna elements. * **Signal Routing:** Used in automated test equipment (ATE) to switch between different frequency sources. * **Pulse Modulation:** Because PIN diodes switch extremely fast (nanoseconds), they can be used to "pulse" a continuous wave signal for radar. --- ### 4. Installation and Handling Notes 1. **ESD Sensitivity:** PIN diode modules are extremely sensitive to Electrostatic Discharge. Always use a grounded wrist strap. 2. **Power Sequencing:** Always apply the DC supply voltages (usually +5V and -12V/ -15V) before applying the RF signal to prevent burning out the diodes. 3. **Thermal Management:** High-power versions require being bolted to a cold plate or heat sink to dissipate heat generated during high-speed switching.
    ✨ Follow-up Questions
    • ⤷ What is the exact switching speed (nanoseconds) for the M2AMS series?
    • ⤷ Does this module require a negative bias voltage for the 'OFF' state?
    • ⤷ What are the pinout definitions for the TTL control interface?