Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-151-R2/UL

  • AI
    The **M2AMS-151-R2/UL** is a specific electronic component belonging to the **M2AMS series**, typically associated with industrial control interfaces, specifically **Miniature Digital Multi-meters** or **Panel Meters** manufactured by companies like *Watanabe Electric Industry*. Below is a breakdown of its technical specifications and electronic architecture. --- ### 1. General Specifications This device is a high-precision digital panel meter designed to convert analog input signals into a digital readout and/or provide relay contact outputs for process control. | Feature | Description | | :--- | :--- | | **Model Type** | M2AMS (Multi-functional Analog to Digital Meter) | | **Input Signal** | DC Voltage/Current (Configurable) | | **Output Type** | Relay Contact Output (R2) | | **Power Supply** | AC 100-240V or DC 24V (depending on sub-variant) | | **Standard Approval** | UL (Underwriters Laboratories) Certified | --- ### 2. Electronic Component Breakdown The internal circuitry of the M2AMS-151-R2/UL is divided into four primary stages: #### A. Input Conditioning Stage * **Precision Shunt Resistors:** Used for current measurements to convert Amps to low-voltage signals. * **Operational Amplifiers (Op-Amps):** High-impedance buffers that ensure the signal being measured is not distorted by the meter's internal resistance. * **Filtering:** RC low-pass filters to remove high-frequency noise from industrial environments. #### B. Analog-to-Digital Conversion (ADC) * **Dual-Slope Integration:** Often uses a dual-slope ADC to provide high rejection of 50/60Hz power line noise. * **Resolution:** Typically 3.5 to 4.5 digits, ensuring precision up to 0.1% or better. #### C. Control and Logic (The "R2" Designation) * **Microcontroller:** Manages the scaling of the input signal and controls the display logic. * **Relay Outputs (R2):** The "R2" suffix specifically refers to **2-step relay outputs**. These are electronic switches (SPDT) that trigger when the input reaches a pre-set high or low threshold. * **Hysteresis Logic:** Electronic logic that prevents "chattering" (rapid switching) of the relays when the signal is fluctuating near the setpoint. #### D. Power and Isolation * **Galvanic Isolation:** Uses optocouplers or transformers to isolate the input signal from the power supply and the relay outputs, protecting the internal electronics from surges. * **Switching Power Supply:** An internal AC/DC converter that steps down the mains voltage to stable 5V or 3.3V rails for the ICs. --- ### 3. Wiring and Terminal Configuration The unit typically uses a 15-pin or 11-pin socket/terminal base. | Terminal Group | Function | | :--- | :--- | | **Input (+/-)** | Receives the process signal (e.g., 4-20mA or 0-10V). | | **Power (L/N)** | Main AC or DC power input. | | **Relay 1 (COM/NO/NC)** | First setpoint alarm output. | | **Relay 2 (COM/NO/NC)** | Second setpoint alarm output. | --- ### 4. Application Use-Case The **M2AMS-151-R2/UL** is commonly used in: * **Pressure Monitoring:** Converting a transducer signal to a PSI/Bar display. * **Temperature Control:** Monitoring a 4-20mA signal from a thermocouple transmitter. * **Safety Interlocks:** Using the "R2" relays to shut down machinery if a voltage exceeds safe limits.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current input ranges supported by the 151 configuration?
    • ⤷ How do I calibrate the zero and span settings on this specific model?
    • ⤷ What is the difference between the R2 and R4 output options in this series?