Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-15B-R2

  • AI
    The **M2AMS-15B-R2** is a specific electronic component typically categorized as an **AC-DC Power Supply Module**. These units are designed for PCB mounting and provide a compact solution for converting mains voltage into a stable DC output for electronic circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The M2AMS series is known for its high efficiency and medical-grade safety ratings. | Parameter | Typical Specification | | :--- | :--- | | **Input Voltage Range** | 85 ~ 264 VAC (Universal Input) | | **Output Voltage** | 15 VDC | | **Output Power** | 15 Watts | | **Output Current** | 1.0 A | | **Efficiency** | ~85% | | **Isolation Voltage** | 4000 VAC (Input to Output) | --- ## 2. Key Electronic Features The internal circuitry of the M2AMS-15B-R2 includes several critical protection and regulation stages: ### A. Integrated Protections * **Over-Current Protection (OCP):** Automatically limits output if the load draws more than the rated 1A. * **Over-Voltage Protection (OVP):** Clamps the output to prevent damage to sensitive downstream components if the internal feedback loop fails. * **Short Circuit Protection (SCP):** The unit enters "hiccup mode" or shuts down safely during a direct short, recovering once the fault is removed. ### B. EMI/EMC Filtering The "R2" designation often implies a revision that meets strict electromagnetic interference standards. It includes internal Pi-filters and shielding to ensure it does not interfere with other radio or digital signals. ### C. Thermal Management The module is encapsulated in a flame-retardant plastic case (usually UL94V-0 rated). The potting compound inside helps conduct heat away from the switching transistors to the outer shell. --- ## 3. Physical & Pin Configuration This part is designed for **Through-Hole Technology (THT)** mounting on a Printed Circuit Board. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | AC (L) | Line Input | | 2 | AC (N) | Neutral Input | | 3 | +Vout | Positive DC Output (15V) | | 4 | -Vout | Negative DC Output (GND) | --- ## 4. Typical Applications * **Medical Equipment:** Due to high isolation (4000VAC) and low leakage current. * **Industrial Automation:** Powering PLCs or sensors requiring a steady 15V rail. * **IoT Gateways:** Compact power source for smart building controllers.
    ✨ Follow-up Questions
    • ⤷ What are the specific medical safety certifications (e.g.
    • ⤷ 2xMOPP) for this module?
    • ⤷ Can this power supply be used in parallel for higher current requirements?
    • ⤷ What is the operating temperature range for the M2AMS-15B-R2?