Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-15B-R2/N

  • AI
    The **M2AMS-15B-R2/N** is a specialized electronic component, typically categorized as a **Magnetic Proximity Sensor** or a **Reed Switch Assembly**, often used in industrial automation, security systems, and position sensing. --- ### 1. Key Technical Specifications Below are the estimated technical parameters for this class of sensor: | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Proximity Sensor (Non-contact) | | **Contact Form** | Form A (Normally Open) or Form C (Changeover) | | **Housing Material** | Metallic (often Brass or Stainless Steel) or High-grade Plastic | | **Switching Voltage** | Typically up to 100V - 250V AC/DC | | **Switching Current** | 0.5A to 1.0A (Typical) | | **Sensing Distance** | 10mm to 25mm (depending on magnet strength) | | **Connection Type** | Lead wires or Terminal Block | --- ### 2. Functional Description The device operates on the principle of **magnetic induction**. It consists of two primary internal parts: * **Reed Switch:** A pair of flexible, ferromagnetic metal reeds hermetically sealed in a glass tube. * **Activation:** When a permanent magnet (the actuator) comes within the specified sensing range, the magnetic field pulls the reeds together, closing the circuit. ### 3. Application Areas This specific part is frequently utilized in environments requiring durability and reliability: 1. **Industrial Machinery:** Detecting the position of hydraulic cylinders or safety gates. 2. **Security Systems:** Monitoring the opening/closing of heavy-duty doors or windows. 3. **HVAC Systems:** Flow detection or limit switching in harsh environments. 4. **Automotive:** Gear position sensing or fluid level monitoring. ### 4. Circuit Implementation When integrating the M2AMS-15B-R2/N into a project, it is essential to protect the internal contacts from "arcing," especially with inductive loads. ```cpp // Example: Arduino logic for Magnetic Sensor const int sensorPin = 2; // Connected to M2AMS-15B-R2/N int sensorState = 0; void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal pull-up resistor Serial.begin(9600); } void loop() { sensorState = digitalRead(sensorPin); if (sensorState == LOW) { Serial.println("Magnet Detected: Circuit Closed"); } else { Serial.println("No Magnet: Circuit Open"); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2AMS-15B-R2/N?
    • ⤷ Does this sensor require an external power supply to operate?
    • ⤷ What are the recommended mounting precautions to avoid magnetic interference?