Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-161-R/CE

  • AI
    The **M2AMS-161-R/CE** is a specialized electronic component commonly used in industrial automation and control systems. It is an **interface module** or **relay board** typically associated with PLC (Programmable Logic Controller) systems and I/O distribution. --- ### 1. General Specifications Based on the standard nomenclature for the M2 series (often associated with brands like Weidmüller or similar industrial interface manufacturers), here are the core electronic characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Relay Interface Module / Connector Board | | **Channels** | 16-Channel | | **Connector Type** | Ribbon Cable Connector (HE10/MIL-C-83503) | | **Termination** | Screw Terminals (for field wiring) | | **Mounting** | DIN Rail (TS35) | | **Voltage Range** | Usually 24V DC (Signal side) | --- ### 2. Key Electronic Components The board is composed of several critical layers of electronic parts: #### A. Input Interface (Signal Side) * **Male Header:** A 20-pin or 40-pin connector (depending on the specific PLC model it matches) designed to accept a flat ribbon cable. * **Decoupling Diodes:** Often integrated to prevent reverse polarity or back-EMF from damaging the PLC outputs. #### B. Switching/Processing Layer * **Relays or Optocouplers:** Depending on the specific sub-variant, it uses electromagnetic relays (for high-load switching) or optoisolators (for high-speed, low-wear digital signal isolation). * **LED Status Indicators:** Each of the 16 channels typically has a green or red LED to indicate whether that specific circuit is energized. #### C. Output/Field Side * **Screw Terminals:** Robust connectors for wiring external devices like motors, valves, or sensors. * **Fuses (Optional):** Some versions include individual glass or ceramic fuses per channel for overcurrent protection. --- ### 3. Circuit Block Diagram A simplified representation of how the internal electronics are wired: ```text [PLC Output] --> [Ribbon Cable] --> [M2AMS Interface] | [Protection Diode] | [Status LED] | [Relay Coil/Opto] | [External Load] <--- [Screw Terminal] <--- [Switching Contact] ``` --- ### 4. Common Applications * **Isolation:** Protecting sensitive PLC electronics from high-voltage spikes on the factory floor. * **Signal Conversion:** Converting a low-current PLC transistor output to a high-current dry contact output. * **Wiring Simplification:** Consolidating 16 separate wires into a single ribbon cable to save space in the control cabinet.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current per channel for the M2AMS-161-R?
    • ⤷ Is this module compatible with Siemens or Allen-Bradley PLCs?
    • ⤷ Does this model support NPN or PNP logic configurations?