Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-16B-R2/N

  • AI
    The **M2AMS-16B-R2/N** belongs to a specialized category of electronic components, typically associated with industrial automation, signal conditioning, or modular interface systems (often found in brands like Mitsubishi or specialized PLC interface manufacturers). Below is a breakdown of its electronic characteristics and functional architecture. --- ### 1. General Specifications This part is generally categorized as a **Multi-Point Interface or Signal Converter Module**. It is designed to bridge field signals with a central processing unit (PLC). | Feature | Description | | :--- | :--- | | **Component Type** | Terminal Block / Interface Module | | **I/O Points** | 16 Channels (indicated by the "16" in the part number) | | **Mounting** | DIN Rail or Panel Mount | | **Termination** | Screw terminals or Spring-loaded connectors | | **Application** | Digital I/O signal distribution | --- ### 2. Internal Electronic Architecture The electronic design of the M2AMS series usually focuses on signal integrity and circuit protection. #### A. Circuit Protection Most versions of this module include: * **Varistors (MOVs):** To protect against voltage surges on the field side. * **LED Indicators:** Surface-mount LEDs (Red or Green) wired in parallel with the signal path to provide visual status of each of the 16 channels. * **Diodes:** Used for polarity protection to prevent damage if the DC power supply is wired backward. #### B. Signal Pathing The PCB (Printed Circuit Board) inside the module is designed for high-density routing. * **Common Bus:** It typically features a common power rail (COM) to simplify wiring for sensors or actuators. * **Isolation:** While basic modules are "pass-through," higher-end versions provide galvanic isolation via optocouplers to prevent electrical noise from reaching the PLC. --- ### 3. Pinout and Connection Scheme The "16B" designation refers to the 16-bit/16-channel layout. | Section | Connection Type | Electronic Role | | :--- | :--- | :--- | | **Field Side** | Screw Terminals | Receives raw signals from switches/sensors (24V DC typical). | | **System Side** | Ribbon Cable / MIL Connector | Transmits processed/grouped signals to the PLC Input Card. | | **Power** | V+ / GND | Provides the reference voltage for the status LEDs and logic. | --- ### 4. Technical Hardware Summary ```cpp // Schematic Logic Representation (Per Channel) Channel[n] { Input: Field_Terminal_Pin; Safety: Surge_Absorber (Parallel); Indicator: LED + Resistor (Series); Output: Connector_Pin_To_PLC; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the M2AMS-16B-R2/N?
    • ⤷ Is this module compatible with NPN or PNP logic?
    • ⤷ Does this model include built-in optoisolation?