Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-1A-R2

  • AI
    ## Overview of the M2AMS-1A-R2 The **M2AMS-1A-R2** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a **PhotoMOS Relay** module. These parts are designed to provide electrical isolation between a control circuit (input) and a load circuit (output) using optocoupling technology. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1 Form A (Normally Open) | | **Load Voltage** | Up to 60V - 400V (Model dependent) | | **Load Current** | 100mA to 2A | | **Isolation Voltage** | 1500V to 5000V AC | | **Input Current (LED)** | 5mA to 10mA | | **Package Style** | DIP (Dual In-line Package) or SOP | --- ### 2. Internal Electronic Structure The device consists of three primary internal stages: 1. **Input Side (LED):** An infrared Light Emitting Diode. When current flows through the input, the LED emits light. 2. **Isolation Barrier:** A transparent silicone or physical gap that prevents high voltage from crossing back to the control circuit. 3. **Output Side (Photo-Sensitive MOSFET):** A solar cell array picks up the light and converts it into a voltage to drive the gates of two MOSFETs, allowing current to flow through the load. --- ### 3. Advantages of the M2AMS Series * **No Mechanical Wear:** Unlike traditional electromagnetic relays, there are no moving parts, resulting in an almost infinite mechanical life. * **Low Power Consumption:** Requires very little current to trigger the switch. * **Silent Operation:** Ideal for medical and consumer electronics where clicking sounds are undesirable. * **High Switching Speed:** Responds significantly faster than mechanical armatures. --- ### 4. Typical Application Circuit In a standard circuit, you must use a current-limiting resistor ($R_{in}$) for the input LED. ```cpp // Logic Representation Control Logic (5V) ---> [Resistor] ---> (Input +) [ M2AMS-1A-R2 ] (Input -) ---> GND | |---> [ Load ] ---> Power Supply ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the M2AMS-1A-R2?
    • ⤷ Can this component handle AC loads or is it DC only?
    • ⤷ What is the recommended value for the input current limiting resistor?