Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-1D-R/N

  • AI
    The **M2AMS-1D-R/N** is a specific model within a series of signal conditioners/transmitters, typically manufactured by companies like **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals. Below is a breakdown of the electronic specifications and characteristics of this part. --- ### 1. General Specifications The model name follows a specific nomenclature that defines its input, output, and power requirements. | Component | Description | | :--- | :--- | | **Series** | M2 Series (Ultra-slim Signal Conditioners) | | **Model Type** | AMS (Alternating Current Transmitter) | | **Input** | AC Current (e.g., from a CT - Current Transformer) | | **Output** | 1 (Single Channel) | | **Power Input** | Options typically range from 24V DC to 100-240V AC | --- ### 2. Key Electronic Features #### A. Isolation One of the primary electronic functions of the M2AMS is **Galvanic Isolation**. * **Three-way isolation:** It isolates the Input, Output, and Power supply from each other. * **Dielectric Strength:** Usually rated for 2000V AC for 1 minute. * **Purpose:** Prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. #### B. Signal Conversion The device utilizes an internal sensing circuit to process AC current. * **Input Range:** Typically 0–1A or 0–5A AC (RMS). * **Output Signal:** Converts the AC input into a standard DC process signal (e.g., 4–20mA or 0–10V DC). * **Accuracy:** Generally within ±0.3% to ±0.5% of span. #### C. Response Time * **Standard Speed:** Approximately 0.5 seconds (0% to 90% response). * **Frequency Range:** Designed for 40 Hz to 1 kHz (standard industrial frequencies). --- ### 3. Circuit Block Diagram (Internal) The electronic architecture usually follows this path: 1. **Input Stage:** AC current enters through a transformer or shunt resistor to scale it down. 2. **Rectification/Filtering:** Converts AC to a proportional DC voltage. 3. **Isolation Barrier:** Uses an optoisolator or transformer to jump the signal across the isolation gap. 4. **Output Stage:** An amplifier circuit scales the signal to the final DC output range (e.g., 4-20mA). --- ### 4. Hardware Configuration * **Mounting:** Standard DIN rail mounting. * **Terminals:** M3 screw terminals. * **Adjustments:** Front-facing Zero and Span potentiometers (typically ±5% adjustment range). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the 'R/N' suffix?
    • ⤷ Can this device handle non-sinusoidal AC waveforms?
    • ⤷ What is the maximum load resistance for the 4-20mA output?