Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-1D-R2/Q

  • AI
    Based on the part number **M2AMS-1D-R2/Q**, this refers to a specific configuration of a **Signal Conditioner / Isolator** typically manufactured by companies like **M-System**. These devices are used in industrial automation to convert, isolate, and transmit analog signals. Below is a breakdown of the electronic components and functional specifications for this module. --- ### 1. Functional Breakdown The M2AMS series is generally an **Analog Output Transmitter** designed to take one type of signal (like DC voltage or current) and provide a highly stable, isolated output. | Feature | Specification Details | | :--- | :--- | | **Model Series** | M2AMS (Plug-in Signal Conditioner) | | **Input Signal** | 4 – 20 mA DC or 1 – 5 V DC (Standard) | | **Output** | DC Voltage or Current (Configurable) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Construction** | Plug-in base socket for DIN-rail mounting | --- ### 2. Part Number Suffix Analysis The specific suffix **-1D-R2/Q** defines the electrical characteristics: | Suffix Code | Description | | :--- | :--- | | **1** | **Input:** Typically 130Ω or 4-20mA DC (Standard Industrial range). | | **D** | **Output:** Often denotes a specific DC voltage range (e.g., 0 – 10V DC). | | **R2** | **Power Input:** Usually indicates 100 – 240V AC or 24V DC depending on the manufacturer's logic (R2 is commonly 24V DC). | | **/Q** | **Special Options:** Indicates custom specifications (e.g., specific coating or non-standard calibration). | --- ### 3. Key Electronic Characteristics These units are engineered for high reliability in "noisy" electrical environments. * **Galvanic Isolation:** The core electronic part is an isolation transformer or optoisolator that prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges. * **Zero/Span Adjustment:** Located on the front panel, these potentiometers allow for fine-tuning the electronic calibration without removing the unit. * **Response Time:** Typically $\leq 0.5$ seconds, ensuring the electronic output mirrors the input accurately in real-time. * **Burnout Protection:** Built-in circuitry that forces the output to a specific level (high or low) if the input wire is broken. --- ### 4. Technical Specifications Table | Parameter | Value (Typical) | | :--- | :--- | | **Accuracy** | $\pm 0.1\%$ | | **Temperature Coefficient** | $\pm 0.015\% / ^\circ C$ | | **Insulation Resistance** | $100\text{ M}\Omega$ at 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### 5. Wiring Diagram (Conceptual) ```text [ Power Supply ] --- ( L+ / N- ) --- [ Internal Transformer ] | [ Input Sensor ] --- ( + / - ) --- [ Isolation Circuit ] | [ Output Device] --- ( + / - ) --- [ Signal Converter ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input signal range for the -1D configuration?
    • ⤷ How does the /Q option affect the manufacturing lead time or testing?
    • ⤷ Can this unit be mounted on a standard 35mm DIN rail?