Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-23-R

  • AI
    The **M2AMS-23-R** is a specific model of an **Active Magnetic Sensor (AMS)**, often categorized as a magnetic proximity or speed sensor. These components are designed to detect the presence or movement of ferromagnetic materials (like gear teeth) without physical contact. ### 1. Technical Specifications The "R" suffix typically denotes a specific termination or resistance configuration. Below is a breakdown of the common electronic characteristics for this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Operating Voltage** | 5V to 24V DC | | **Output Type** | Digital (NPN or PNP Square Wave) | | **Frequency Range** | 1 Hz to 20 kHz | | **Operating Temperature** | -40°C to +105°C | | **Housing Material** | Stainless Steel or Aluminum | | **Connector Type** | Integrated Cable or Circular Connector | --- ### 2. Internal Electronic Components The device is an "Active" sensor, meaning it contains integrated circuitry rather than just a passive coil. * **Hall Effect or Magnetoresistive Element:** The core sensing component that reacts to changes in magnetic flux. * **Signal Conditioning Circuitry:** Includes an internal amplifier to boost weak signals and a Schmidt trigger to convert sinusoidal waves into clean digital pulses. * **Reverse Polarity Protection:** Diodes integrated into the input to prevent damage if the power supply is wired incorrectly. * **Pull-up/Pull-down Resistor:** Depending on the specific "R" sub-model, it may include an internal resistor to simplify integration with PLCs or microcontrollers. --- ### 3. Wiring Configuration Most M2AMS-23-R units follow a standard 3-wire color code for electronic integration: ```yaml Red Wire: Supply Voltage (+) Black Wire: Common / Ground (-) White/Blue: Signal Output (Pulse) ``` ### 4. Application Logic Because it provides a digital output, the electronics are designed for: 1. **Tachometers:** Measuring RPM by counting pulses from a gear. 2. **Position Sensing:** Detecting the "Home" position of a rotating shaft. 3. **Flow Meters:** Detecting the rotation of internal turbines in liquid lines. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an active and a passive magnetic sensor?
    • ⤷ How do I calculate RPM based on the pulse output of this sensor?
    • ⤷ What is the maximum sensing distance for the M2AMS-23-R?