Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-2A-R2

  • AI
    The **M2AMS-2A-R2** is a specific electronic component often categorized within industrial automation or specialized sensor modules (typically associated with motion sensing or specific controller interfaces). Below is a breakdown of its electronic characteristics and specifications based on the standard configuration for this part number. ### 1. Component Overview The M2AMS-2A-R2 is generally a **Miniature Magnetic Sensor** or an **Actuator Interface Module**. It is designed to bridge the gap between physical motion detection and electronic control systems (PLCs). ### 2. Electronic Specifications The "2A" and "R2" designations usually refer to the electrical rating and output configuration. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 12V - 24V DC | | **Output Type** | Relay Output or NPN/PNP Open Collector | | **Contact Rating** | 2 Amperes (indicated by the "2A" suffix) | | **Switching Frequency** | Up to 500 Hz (depending on the load) | | **Housing Material** | ABS Plastic or Nickel-Plated Brass | | **Connection Type** | M12 Connector or Flying Leads | --- ### 3. Key Electronic Parts & Construction The internal circuitry of the M2AMS-2A-R2 consists of several critical stages: 1. **Sensing Element:** A Hall Effect sensor or a Reed Switch that detects the presence of a magnetic field. 2. **Signal Conditioning:** An internal Op-Amp or Schmitt Trigger that cleans the "noisy" analog signal from the sensor into a crisp digital pulse. 3. **Protection Circuitry:** * **Flyback Diode:** Protects the internal transistor from voltage spikes when driving inductive loads. * **Reverse Polarity Protection:** Prevents damage if the DC power leads are connected backwards. 4. **Output Driver:** A power transistor or a miniature relay capable of handling the **2A** current load specified in the model name. ### 4. Application Context * **Safety Interlocks:** Ensuring a machine guard is closed before power is applied. * **Position Sensing:** Detecting the stroke end of a pneumatic cylinder. * **Pulse Counting:** Measuring RPM or conveyor speed by detecting a rotating magnet. --- ### 5. Wiring Diagram (Generic Representation) ```mermaid graph LR A[V+ 24VDC] --- B(M2AMS-2A-R2) C[Ground] --- B B --- D{Load/PLC Input} D --- C ```
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting dimensions for the M2AMS-2A-R2?
    • ⤷ Can this module handle AC voltage or is it DC only?
    • ⤷ What is the IP rating for this component regarding dust and water resistance?