Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-32-R2/N

  • AI
    The **M2AMS-32-R2/N** is a specialized electronic component, typically classified as a **Digital Multi-Beam Antenna Control System** or a similar radio frequency (RF) distribution module, often used in telecommunications and satellite ground stations. Below is a detailed breakdown of its electronic characteristics and functional architecture. --- ### 1. General Specifications This device is designed for high-density signal routing and control. The alphanumeric code typically breaks down as follows: * **M2AMS**: Series identifier (Multi-channel Antenna Management/Switching). * **32**: Indicates 32 channels or ports. * **R2**: Revision 2 (Hardware/Firmware update). * **N**: Connector type (typically Type N) or a specific gain/attenuation profile. ### 2. Core Electronic Components The internal circuitry of this module generally consists of the following subsystems: | Component Category | Functionality | | :--- | :--- | | **RF Switch Matrix** | Uses GaAs (Gallium Arsenide) or PIN diode switches to route signals with low insertion loss. | | **Step Attenuators** | Digital programmable attenuators used to balance signal levels across all 32 channels. | | **Microcontroller (MCU)** | Handles the logic, command processing (via Ethernet/Serial), and monitoring of the unit status. | | **Power Supply Unit (PSU)** | DC-DC converters that provide stable voltage (typically +5V, +12V) to the RF components. | | **LNA (Low Noise Amplifiers)** | Integrated in some versions to compensate for switching losses. | --- ### 3. Technical Parameters While specific datasheets can vary by manufacturer (such as ETL Systems or similar RF specialists), the electronic profile generally adheres to these standards: | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 850 MHz – 2150 MHz (L-Band) | | **Impedance** | 50 Ohms or 75 Ohms | | **Switching Speed** | < 100 ms | | **Input/Output Isolation** | > 40 dB | | **Control Interface** | RJ45 (Ethernet), RS-232, or SNMP | | **Power Consumption** | 30W – 60W depending on active channels | --- ### 4. Functional Architecture 1. **Input Stage:** Signals enter via the 32 ports. These are protected against ESD (Electrostatic Discharge) and surges. 2. **Routing Logic:** The digital controller receives a command (e.g., "Route Port 1 to Output A"). It applies the necessary bias voltage to the solid-state switches. 3. **Monitoring:** Integrated sensors monitor temperature and current draw. If a power supply fails, the "N" designation often implies a specific fail-safe or redundant configuration. ### 5. Application Areas * **Satellite Teleports:** Managing signals from multiple satellite dishes to a central modem bank. * **Broadcast Hubs:** Distributing RF feeds to various encoders. * **Testing Labs:** Automated RF testing where 32 devices under test (DUT) need to be sampled sequentially.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the M2AMS-32-R2/N?
    • ⤷ Does this model support remote management via SNMP protocol?
    • ⤷ What are the power redundancy options for this specific hardware revision?