Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-4A-R

  • AI
    The **M2AMS-4A-R** is a high-performance, programmable signal conditioner/transmitter, typically manufactured by companies like **M-System**. It is part of the M2 series and is designed to interface between field sensors and control systems (PLC/DCS). --- ## 1. Technical Specifications The model name "M2AMS-4A-R" follows a specific nomenclature. Below is the breakdown of its core electronic characteristics: | Component | Specification | Description | | :--- | :--- | :--- | | **Model Type** | M2AMS | Programmable Multi-Function Signal Conditioner | | **Input** | 4 | 4 – 20 mA DC (Current Input) | | **Output** | A | 4 – 20 mA DC (Current Output) | | **Power Supply** | R | 24V DC | | **Isolation** | 3-Port | Isolation between Input, Output, and Power | | **Mounting** | DIN Rail | Standard 35mm rail mounting | --- ## 2. Core Electronic Functions ### Signal Isolation One of the primary roles of this device is **galvanic isolation**. It prevents ground loops and protects sensitive control equipment from high-voltage surges in the field loop. * **Isolation Resistance:** Typically $\ge 100\ M\Omega$ at 500V DC. * **Dielectric Strength:** Usually rated for 2000V AC @ 1 minute. ### Signal Conversion & Conditioning The "AMS" designation indicates that this unit is **programmable**. While the hardware is set for 4-20mA, the internal microprocessor allows for: * **Linearization:** Adjusting non-linear signals from sensors. * **Scaling:** Mapping a specific input range to a specific output range. * **Zero/Span Adjustment:** Fine-tuning the signal via front-panel buttons or a PC configurator. ### Circuit Protection * **Over-current protection:** Limits the current to prevent damage if the loop fails. * **Reverse polarity protection:** Protects the internal electronics if the 24V DC power is wired incorrectly. --- ## 3. Wiring Configuration The device uses a standard terminal block layout. Below is a simplified representation of the electronic connections: | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 / 2** | Output (+) / (-) | To PLC/Controller Input | | **4 / 5** | Input (+) / (-) | From Sensor/Transmitter | | **7 / 8** | Power (+) / (-) | 24V DC Source | --- ## 4. Key Electronic Features 1. **High Accuracy:** Typically $\pm 0.1\%$ of span. 2. **Response Time:** Fast response (usually $\le 0.5$ seconds) to ensure real-time process monitoring. 3. **Status LEDs:** Front-facing indicators for Power and Error states. 4. **Configuration Port:** Jack for connection to a PC (using an interface cable like the COP-US) for advanced parameter setting.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings on the M2AMS-4A-R?
    • ⤷ Can this model be used with a 2-wire transmitter without an external power supply?
    • ⤷ What software is required to program the internal scaling of this device?