Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-4A-R2/N

  • AI
    The **M2AMS-4A-R2/N** is a specific model of an **Ultra-Slim Signal Conditioner** (specifically a power transducer/isolator) manufactured by **M-System**. It is designed to convert AC current or voltage signals into standard DC process signals while maintaining high galvanic isolation. --- ## 1. Technical Specifications Below are the primary electrical characteristics for this specific configuration: | Feature | Specification | | :--- | :--- | | **Model Series** | M2AMS (Ultra-Slim Signal Conditioner) | | **Input Signal** | 4 to 20 mA DC (Current Loop) | | **Output Signal** | 4 to 20 mA DC | | **Power Input** | 100 – 240V AC (indicated by suffix -R2) | | **Option** | /N (Standard compliance/No specific custom options) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Mounting** | DIN Rail Mounting | --- ## 2. Key Electronic Components & Design The device is built using industrial-grade surface-mount technology (SMT) to achieve its ultra-slim profile (usually around 5.9mm to 12.5mm depending on the housing). ### A. Galvanic Isolation * **Optoisolators/Transformers:** The "R2" designation implies a power supply capable of high-voltage AC input. Internally, it uses high-speed optocouplers or magnetic isolation to separate the field-side input from the PLC-side output. * **Purpose:** Prevents ground loops and protects sensitive control equipment from high-voltage surges. ### B. Signal Conditioning Circuitry * **A/D and D/A Conversion:** Modern M2AMS units use high-precision Analog-to-Digital converters to process the input signal and Digital-to-Analog converters to reconstruct the output signal with high linearity. * **Precision Resistors:** High-stability, low-temperature-coefficient resistors are used to ensure the 4-20mA loop remains accurate despite environmental temperature changes. ### C. Power Supply Section * **Switching Regulator:** The "R2" variant includes an internal AC/DC switching power supply. It converts the 100-240V AC mains down to the low-voltage DC required for the internal op-amps and processors. --- ## 3. Terminal Connection Diagram The device typically utilizes a tension clamp or screw terminal system. ```text [ Power Supply ] [ Input ] [ Output ] L(+) N(-) + - + - (1) (2) (3) (4) (5) (6) ``` --- ## 4. Operational Summary The **M2AMS-4A-R2/N** acts as a "buffer" in an industrial control loop. 1. It receives a **4-20mA** signal from a field sensor. 2. It electrically isolates that signal to eliminate noise. 3. It re-transmits an identical **4-20mA** signal to a PLC or DCS. 4. It is powered by standard wall/panel power (**100-240V AC**).
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance supported by the 4-20mA output?
    • ⤷ How does the /N suffix affect the standard warranty or certification?
    • ⤷ What is the dielectric strength between the input and output terminals?