Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-A13-R/N

  • AI
    Based on the technical nomenclature, the **M2AMS-A13-R/N** refers to a high-performance **Brushless DC (BLDC) Motor and Driver assembly**, typically used in precision automation and robotics. This specific model is part of a modular system where the motor and driver are paired for optimal performance. ### 1. General Specifications The parts are designed for low-voltage industrial applications, emphasizing high torque density and precise speed control. | Feature | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Output Power** | 130W (Approximate based on "13" series) | | **Voltage Input** | 24V DC to 48V DC | | **Shaft Type** | Round Shaft (R) / Keyway (N) | | **Feedback System** | Hall Effect Sensors / Incremental Encoder | --- ### 2. Key Electronic Components The system consists of two primary electronic blocks: the **Stator/Rotor Assembly** and the **Control Electronics**. #### A. The Driver Circuitry (Integrated or External) * **Power MOSFETs:** High-frequency switching transistors (H-Bridge configuration) that manage the current flow to the motor phases. * **Microcontroller (MCU):** The "brain" that processes speed commands (Analog 0-5V or PWM) and calculates commutation timing. * **Current Sensing Resistors:** Low-resistance shunts used to monitor torque and protect the motor from over-current scenarios. #### B. Feedback Electronics * **Hall Effect Sensors:** Three sensors placed at 120-degree intervals to detect the rotor's magnetic position for commutation. * **Protection Circuits:** Built-in safeguards for: * Overvoltage / Undervoltage. * Overload (Thermal protection). * Phase-to-phase short circuit. --- ### 3. Connection Interface The "A13-R/N" variant typically features a standardized pinout for industrial integration: 1. **Power Leads:** Thick gauge wires for DC Input (V+) and Ground (GND). 2. **Phase Wires:** (U, V, W) outputs to the motor windings. 3. **Signal Connector:** * **Speed Control:** 0-10V or Pulse Width Modulation (PWM). * **Direction (FWD/REV):** Logic level toggle. * **Brake/Stop:** Electronic braking input. --- ### 4. Technical Summary Table | Part Component | Function | Material/Technology | | :--- | :--- | :--- | | **Permanent Magnets** | Rotor energy | Neodymium (NdFeB) | | **Windings** | Stator EMF generation | High-temp Copper wire | | **Bearings** | Mechanical rotation | Shielded Ball Bearings | | **Housing** | Heat dissipation | Anodized Aluminum | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM for the M2AMS-A13-R/N motor?
    • ⤷ Does this model require an external controller or is it integrated?
    • ⤷ What are the mounting dimensions for this specific frame size?