Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-AB-R2/N

  • AI
    Based on technical specifications for industrial computing and network appliances, the **M2AMS-AB-R2/N** typically refers to a specialized internal expansion module or a specific revision of a motherboard/backplane component used in network security appliances (often associated with brands like Lanner or similar industrial manufacturers). Below is a breakdown of the electronic architecture and components typically found in this type of hardware. --- ### 1. Core Component Specifications This module is designed for high-speed data throughput and modular connectivity. | Component Type | Description | Common Specification | | :--- | :--- | :--- | | **Interface Type** | Gold finger / Mezzanine | Proprietary or PCIe-based interface | | **Network Controller** | Ethernet Controller | Typically Intel i350 or x5xx series (dependent on SKU) | | **Form Factor** | Proprietary Module | Designed for 1U/2U Rackmount chassis | | **Bypass Support** | Generation 3 Bypass | Latency-free failover during power loss | --- ### 2. Key Electronic Sections #### A. Power Management (VRM) The board contains a **Voltage Regulator Module (VRM)** circuit to step down the system power (usually 12V) to the low voltages required by the network controllers (1.1V, 1.8V, 3.3V). * **Components:** DC-DC buck converters, solid capacitors, and ferrite core inductors for noise reduction. #### B. Network Bypass Circuitry A defining feature of the "AB" (Advanced Bypass) series is the inclusion of electromechanical or solid-state relays. * **Function:** In the event of a software crash or power failure, these relays physically bridge the "In" and "Out" ports to maintain network continuity. * **Watchdog Timer:** An onboard IC monitors the OS heartbeat to trigger the bypass mode if the system freezes. #### C. Signal Integrity Components To maintain high-speed data (1GbE/10GbE) over the physical traces: * **Magnetic Isolation:** Transformers (Magnetics) that protect the silicon from static and surges. * **Differential Pairs:** Precision-routed PCB traces designed for specific impedance (usually 100 ohms). --- ### 3. Physical Layout Overview 1. **I/O Bracket:** Usually houses RJ45 or SFP ports with integrated Link/Activity LEDs. 2. **EEPROM:** A small 8-pin chip (e.g., 24C series) storing the MAC addresses and firmware configuration. 3. **Heatsink:** Passive aluminum extrusion covering the main controller IC to dissipate heat in high-airflow server environments. --- ### 4. Technical Usage Summary * **Application:** Used in Firewall, UTM (Unified Threat Management), and WAN Optimization appliances. * **Revision Note:** The "R2" suffix indicates a **Second Revision**, which usually implies improved thermal performance or updated power MOSFETs compared to the original version. ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the M2AMS mezzanine connector?
    • ⤷ Which network operating systems are compatible with the R2/N revision?
    • ⤷ Does this module support fiber-optic SFP+ bypass or only copper RJ45?