Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-B1-R/N

  • AI
    The **M2AMS-B1-R/N** is a specific part number typically associated with high-performance **solid-state drive (SSD) carrier modules** or **removable drive canisters**, often used in rugged computing, aerospace, or industrial data storage systems (such as those from companies like *Mercury Systems* or *Ampro*). Below is a breakdown of the electronic and mechanical characteristics of this component. --- ### 1. Technical Specifications Overview The "M2AMS" series generally refers to M.2 NVMe SSD modules designed for easy insertion and removal in high-availability systems. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (Internal) / Proprietary Rugged Carrier (External) | | **Interface** | PCIe Gen 3.0 or 4.0 x4 (NVMe) | | **Capacity Range** | Typically 512GB to 8TB (depending on the internal SSD) | | **Connector Type** | High-insertion cycle rugged interface | | **NAND Type** | Industrial Grade TLC or pSLC | | **Operating Temp** | -40°C to +85°C (Extended/Industrial Range) | --- ### 2. Key Electronic Components #### A. NVMe Controller The "brain" of the module. It manages data flow between the PCIe bus and the NAND flash. In the "B1-R" revision, these controllers are often selected for: * **Low Latency:** Optimized for real-time data logging. * **Power Management:** Integrated circuits (ICs) that handle thermal throttling to prevent overheating in enclosed canisters. #### B. NAND Flash Memory The storage medium. The **"R"** in the part number often denotes **Ruggedized** or **Reliability** enhancements: * **Wear Leveling:** Algorithms to ensure even distribution of write/erase cycles. * **Bad Block Management:** Automatically maps out failing sectors to preserve data integrity. #### C. Power Loss Protection (PLP) This part usually incorporates a bank of **Tantalum Capacitors** or specialized circuitry. * **Function:** If system power is suddenly lost, these capacitors provide enough "hold-up" energy to flush the data cache into the permanent NAND memory, preventing data corruption. --- ### 3. Electronic Design Features 1. **EMI/EMC Shielding:** The module is typically housed in a CNC-machined aluminum canister that acts as a Faraday cage, protecting the high-speed signals from Electromagnetic Interference. 2. **Signal Integrity:** Because these are "removable," the PCB (Printed Circuit Board) utilizes gold-plated contact points to ensure low-resistance connections even after hundreds of mating cycles. 3. **Secure Erase / Sanitization:** The electronics support hardware-triggered "Military Erase" or "Crypto-shredding," allowing all data to be destroyed in seconds via a physical signal or software command. --- ### 4. Part Number Decoder (Typical) While naming conventions vary by manufacturer, here is the common logic for this series: * **M2AMS:** Series designation (M.2 Advanced Mobile Storage). * **B1:** Revision or generation identifier. * **R/N:** * **R:** Ruggedized (Conformal coating, wide temperature). * **N:** Non-encrypting (or specific NAND configuration). ---
    ✨ Follow-up Questions
    • ⤷ What are the power requirements for the M2AMS-B1-R/N module?
    • ⤷ Does this part support hardware-based AES-256 encryption?
    • ⤷ Is this module compatible with standard commercial M.2 slots?