Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-B2-R2/Q

  • AI
    Based on the part number provided, this typically refers to a **Digital Signal Converter/Transmitter** (often from manufacturers like M-System or similar industrial automation brands). This specific model is usually a **Dual-Output Signal Conditioner** designed for DIN-rail mounting. Below is a breakdown of the electronic components and technical specifications associated with this type of device. ### 1. Functional Overview The **M2AMS** series is a plug-in signal conditioner that accepts a DC voltage or current input and provides two isolated DC outputs. This is used to split or isolate signals to prevent ground loops and protect PLCs/DCS systems. --- ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Model Code** | M2AMS-B2-R2/Q | | **Input Signal** | DC Current (e.g., 4–20mA) or DC Voltage | | **Output 1** | 1 – 5V DC (indicated by code 'B') | | **Output 2** | 4 – 20mA DC (indicated by code '2') | | **Power Input** | 24V DC (indicated by 'R2') | | **Mounting** | DIN Rail or Surface Mount | | **Isolation** | 3-Way (Input to Output to Power) | --- ### 3. Key Electronic Components Inside this module, several critical electronic subsystems work together: * **Isolation Transformer:** Used for galvanic isolation to ensure that electrical noise or surges on the input side do not damage the output side or the power supply. * **Operational Amplifiers (Op-Amps):** These precision components handle signal scaling and linearization to ensure the output remains proportional to the input. * **Voltage Regulators:** Internal circuits that stabilize the 24V DC input into steady voltages for the internal logic and analog chips. * **Potentiometers (Zero/Span):** Located on the front panel, these allow for fine-tuning the electronic calibration of the signal. * **Optoisolators:** (In some variants) Used for high-speed digital or analog signal transmission between isolated circuits. --- ### 4. Terminal Configuration Typically, the unit uses a 10-pin or 8-pin plug-in base: 1. **Input (+/-):** Receives the sensor signal. 2. **Output 1 (+/-):** Sends the first processed signal (e.g., to a local display). 3. **Output 2 (+/-):** Sends the second processed signal (e.g., to a remote PLC). 4. **Power Supply:** Connects to the 24V DC source. --- ### 5. Application Note The `/Q` suffix often denotes a **Special Specification** or "Custom" order, which might include: * Specific coating for humidity/corrosion protection. * Specific calibration reports. * Faster response time requirements.
    ✨ Follow-up Questions
    • ⤷ What is the exact input signal range for the B2-R2 configuration?
    • ⤷ How does 3-way isolation protect industrial control systems?
    • ⤷ What are the common troubleshooting steps if the output signal is drifting?