Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-BA-R2

  • AI
    The **M2AMS-BA-R2** is a specialized industrial signal conditioner/transducer, typically manufactured by companies like **M-System**. This specific model is designed to convert an AC current input into a standard DC output signal, often used for monitoring power consumption or motor loads in industrial automation. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The model name "M2AMS-BA-R2" follows a specific nomenclature where each character represents a hardware configuration: | Feature | Specification | Description | |:---|:---|:---| | **Input** | AC Current (A) | Designed to sense alternating current. | | **Output** | DC Voltage/Current | Converts the AC input to a linear DC signal (e.g., 4-20mA or 1-5V). | | **Power Input** | 24V DC (R) | Operates on standard industrial DC power. | | **Accuracy** | ±0.3% | High precision for industrial monitoring. | | **Response Time** | ≤ 0.5 seconds | Time taken to reflect input changes at the output. | --- ### 2. Key Electronic Sections The internal circuitry of the M2AMS-BA-R2 consists of several critical stages: #### A. Input Isolation & Sensing * **Current Transformer (CT):** The device typically contains an internal micro-CT or a shunt resistor to safely sample the high AC current. * **Galvanic Isolation:** Uses optoisolators or magnetic coupling to ensure the high-voltage input side is electrically separated from the low-voltage output side (usually up to 2000V AC isolation). #### B. Signal Processing * **Rectification & Filtering:** Converts the raw AC waveform into a stable DC level. * **RMS-to-DC Converter:** Higher-end models use a dedicated IC to calculate the "True RMS" value of the AC input, ensuring accuracy even if the sine wave is distorted. * **Zero/Span Adjustment:** Includes potentiometers (accessible via the front panel) to calibrate the minimum (zero) and maximum (span) output levels. #### C. Output Drive * **Operational Amplifiers (Op-Amps):** Scale the processed signal to the desired industrial range. * **Short-Circuit Protection:** Protects the internal electronics if the output loop is accidentally shorted. --- ### 3. Physical Interface & Installation * **Housing:** Typically a plug-in base or DIN-rail mountable plastic enclosure. * **Terminal Blocks:** Screw terminals for secure wiring of the AC input, DC output, and power supply. * **LED Indicators:** Often features a power status LED to indicate the device is active. --- ### 4. Application Example In a standard industrial setup, the M2AMS-BA-R2 might be used as follows: 1. **Input:** 0–5A AC from a primary Current Transformer monitoring a large motor. 2. **Conversion:** The M2AMS processes this signal. 3. **Output:** 4–20mA DC sent to a PLC (Programmable Logic Controller) for real-time load monitoring.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2AMS-BA-R2?
    • ⤷ How do I calibrate the Zero and Span settings on this module?
    • ⤷ Can this model handle non-sinusoidal AC waveforms?