Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-CA-R2/N

  • AI
    The **M2AMS-CA-R2/N** is a specific industrial-grade expansion module, typically associated with IoT gateways or industrial PC platforms (such as those from Advantech or similar automation hardware providers). It is designed to bridge the gap between M.2 form factor slots and legacy serial communication protocols. --- ## Technical Specifications Overview | Component | Description | | :--- | :--- | | **Form Factor** | M.2 2242 (Key B+M) | | **Interface** | PCIe or USB (Internal Bus dependent) | | **Communication Port** | 2-port RS-232/422/485 | | **Isolation Protection** | 2,500 VDC (on specific 'I' models, varies by revision) | | **Operating Temperature** | Standard: 0 to 70°C | | **Connector Type** | High-density pin headers (requires DB9 breakout cables) | --- ### Core Electronic Components The module functions as a **UART (Universal Asynchronous Receiver-Transmitter)** controller converted from the M.2 interface. Below are the primary electronic sections found on the PCB: #### 1. The Bridge Controller The "brain" of the module is usually a PCIe-to-UART or USB-to-UART bridge chip (common manufacturers include **Exar/MaxLinear** or **FTDI**). * **Function:** It translates the high-speed data packets from the motherboard's M.2 slot into serial data streams. #### 2. Transceiver ICs Because M.2 operates at low voltages (3.3V), the module utilizes transceiver chips to convert signals to the higher voltage levels required by serial standards. * **RS-232:** Uses level shifters to reach $\pm$5V to $\pm$15V. * **RS-422/485:** Uses differential signaling transceivers for long-distance, noise-resistant communication. #### 3. Power Management (LDOs) The board includes **Low-Dropout Regulators (LDO)** to step down the 3.3V power supplied by the M.2 slot to the internal voltages needed by the controllers (often 1.8V or 1.2V). #### 4. ESD and Surge Protection Industrial modules like the R2/N series include: * **TVS Diodes:** To protect against Electrostatic Discharge (ESD). * **Optical Isolators (Optional):** In the "Isolation" variants, these components physically separate the electrical circuits of the computer from the external serial device to prevent ground loops and surge damage. --- ### Key Features for Integration 1. **Protocol Selection:** Often configurable via software or onboard jumpers to switch between RS-232 (point-to-point) and RS-485 (multi-drop networking). 2. **Automatic Direction Control:** For RS-485, the hardware handles the "Transmit/Receive" switching automatically, which is critical for real-time industrial data flow. 3. **Space Efficiency:** The M.2 2242 size is extremely compact, making it ideal for DIN-rail PCs and rugged embedded systems where traditional PCIe slots are too large.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the DB9 breakout cable used with this module?
    • ⤷ Does the M2AMS-CA-R2/N require specific drivers for Windows 10/11 or Linux?
    • ⤷ What is the maximum baud rate supported by the RS-485 interface on this card?