Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-CC-R2/Q

  • AI
    The **M2AMS-CC-R2/Q** is a specific industrial electronic component, typically part of a modular I/O system or a signal conditioning unit (often associated with brands like **M-System** or similar industrial automation manufacturers). Below is a breakdown of its electronic characteristics and functional components. --- ### 1. General Specifications The part number follows a modular logic where each character represents a specific electronic configuration. | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2AMS | Mini-M Series Signal Conditioner (Potentiometer Transmitter). | | **Input Type** | CC | Specifically configured for Potentiometer input (typically 100 $\Omega$ to 10 k$\Omega$). | | **Output Type** | R | 4 - 20 mA DC (Current Loop). | | **Power Supply** | 2 | 24V DC Power Supply. | | **Option** | /Q | Custom or special options (e.g., specific coating or calibration). | --- ### 2. Key Electronic Components & Circuitry The internal architecture of this device generally consists of four primary stages: #### A. Input Conditioning (Potentiometer Interface) * **Reference Voltage:** Provides a stable DC voltage to the external potentiometer. * **High-Impedance Buffer:** Prevents loading effects on the potentiometer to maintain linear measurement. * **Burnout Protection:** Circuitry that detects if the wiper or wire breaks, forcing the output to a safe state (Upscale/Downscale). #### B. Signal Isolation (The "CC" Configuration) * **Optical/Magnetic Isolation:** These units feature 3-way isolation (Input, Output, and Power). This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges. * **Isolation Voltage:** Typically rated for 2000V AC. #### C. Signal Processing * **Zero/Span Adjustments:** Multiturn potentiometers or digital trimmers located on the front panel to calibrate the $0\%$ and $100\%$ points. * **Linearization:** Electronic compensation to ensure the output current is proportional to the physical position of the potentiometer. #### D. Power & Output Stage * **DC/DC Converter:** Converts the 24V DC input into isolated internal voltages for the circuitry. * **Current Driver:** A precision operational amplifier (Op-Amp) and transistor stage that drives the 4-20mA signal through the output loop. --- ### 3. Application Use Case This electronic part is used to convert the physical position of a valve, a lever, or a tank float (represented by a potentiometer) into a standard industrial current signal. **Example Setup:** 1. **Input:** A $1k\Omega$ linear potentiometer attached to a motorized valve. 2. **Conversion:** The M2AMS-CC-R2/Q reads the resistance. 3. **Output:** Sends a 12mA signal (representing 50% open) to a control room 500 meters away. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the 3-way isolation in this unit?
    • ⤷ How do you calibrate the Zero and Span for the M2AMS series?
    • ⤷ What does the /Q option specifically signify for this manufacturer?