Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-D3-R2/N

  • AI
    The **M2AMS-D3-R2/N** is a specialized electronic module typically used in industrial automation and monitoring systems. It belongs to a series of signal conditioners and alarm modules designed for rail mounting. ### 1. General Specifications The part number indicates a specific configuration within a modular series. Below is a breakdown of its likely technical characteristics: | Feature | Specification Details | | :--- | :--- | | **Model Type** | M2-Series Analog Monitor / Alarm Setting Unit | | **Input Signal** | Configurable (Current or Voltage) | | **Output Type** | Relay Contact Outputs (Dual/Double Alarm) | | **Power Supply** | Usually AC or DC (depending on the suffix, e.g., 24V DC) | | **Mounting** | DIN Rail Mounting (Standard 35mm) | | **Response Time** | Fast response, typically < 0.5 seconds | --- ### 2. Breakdown of the Model Code Industrial components like this follow a strict nomenclature: * **M2AMS**: The Series prefix, indicating an Analog Monitor with Setpoint/Alarm capabilities. * **D3**: Typically refers to the **Power Input** or **Output Rating**. In many manufacturer schemes, "D" indicates a DC power source (like 24V DC). * **R2**: This designates the **Output configuration**. "R2" usually stands for **Two Relay Outputs** (High/Low alarms). * **N**: Often signifies the **Connection type** or **Special Coating** (e.g., Screw terminals or non-hazardous location certification). --- ### 3. Key Electronic Functions 1. **Signal Isolation**: It provides galvanic isolation between the input, output, and power supply. This protects sensitive PLC/DCS equipment from electrical surges and ground loops. 2. **Alarm Setting**: The unit allows users to set specific thresholds (trip points) using front-panel potentiometers or digital settings. When the input signal exceeds or falls below these points, the relays toggle. 3. **Hysteresis Control**: It includes built-in hysteresis to prevent "chatter" (rapid switching) when the input signal is hovering near the setpoint. 4. **LED Diagnostics**: Usually equipped with LEDs on the faceplate to indicate power status and alarm states (Trip 1 and Trip 2). --- ### 4. Typical Applications * **Level Monitoring**: Triggering an alarm when a tank is 90% full. * **Temperature Control**: Shutting down a system if a sensor detects overheating. * **Signal Conversion**: Monitoring a 4-20mA loop and providing dry contact closures for mechanical sirens or safety interlocks. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the R2 relay outputs?
    • ⤷ Can the M2AMS-D3-R2/N be calibrated for a 0-10V input signal?
    • ⤷ What is the maximum contact rating for the internal relays?