Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2AMS-DA-R

  • AI
    The **M2AMS-DA-R** is an electronic signal conditioning component, typically manufactured by **M-System**. This specific model belongs to the M2 Series and functions as a **Potentiometer Transmitter**. Its primary role is to convert the resistance variations of a potentiometer (slidewire) into a standard DC output signal. --- ### 1. Key Electronic Specifications | Feature | Specification | |:---|:---| | **Primary Function** | Potentiometer to DC Signal Conversion | | **Input Type** | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **Output Type** | DC Voltage or Current (Variable based on suffix) | | **Power Input** | AC Powered (indicated by the 'A' or 'M' codes) | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | --- ### 2. Breakdown of the Model Name (M2AMS-DA-R) The alphanumeric suffix determines the specific electronic behavior and hardware configuration: * **M2AMS**: Indicates the base series (Plug-in Potentiometer Transmitter). * **DA**: Represents the **Output Code**. * *D* usually signifies a specific DC voltage range (e.g., 0-10V). * *A* often refers to a 4-20mA current loop option depending on the regional datasheet. * **R**: Represents the **Power Input**. * **R** typically stands for **24V DC** power supply. --- ### 3. Core Components and Circuitry The internal electronics of the M2AMS-DA-R consist of four main stages: 1. **Reference Voltage Circuit**: Provides a precise, stable voltage across the external potentiometer to detect the wiper position accurately. 2. **Input Amplifier**: A high-impedance stage that reads the voltage at the potentiometer's wiper without loading the circuit. 3. **Isolation Barrier**: Uses an opto-isolator or transformer to electrically separate the input, output, and power supply. This prevents ground loops and protects sensitive PLC/DCS equipment from surges. 4. **Output Driver**: Converts the processed signal into the final analog form (e.g., 4-20mA or 0-10V) capable of driving a specific load resistance. --- ### 4. Technical Hardware Features * **Zero/Span Adjustments**: Located on the front panel, these allow manual calibration to match the physical 0% and 100% points of the connected sensor. * **DIN Rail Mounting**: Designed for industrial control panels using a 11-pin plug-in base. * **LED Indicator**: Usually includes a power status LED to verify the device is energized. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the 11-pin base of the M2AMS?
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ What is the maximum load resistance for the 4-20mA output version?